Electronic Components Datasheet Search
  English  ▼

X  

1027474 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1027474
Description  SACC-M12MSK-4PECT-CL SH - Power connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027474 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1027474 Datasheet HTML 1Page - PHOENIX CONTACT 1027474 Datasheet HTML 2Page - PHOENIX CONTACT 1027474 Datasheet HTML 3Page - PHOENIX CONTACT 1027474 Datasheet HTML 4Page - PHOENIX CONTACT 1027474 Datasheet HTML 5Page - PHOENIX CONTACT 1027474 Datasheet HTML 6Page - PHOENIX CONTACT 1027474 Datasheet HTML 7Page - PHOENIX CONTACT 1027474 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Conductor connection
Connection method
Crimp connection
Connection cross section
1.5 mm² ... 2.5 mm² (flexible)
Connection cross section AWG
14 (flexible)
Tightening torque
5 Nm (Pressure nut with coupling sleeve)
Pin assignment
1 = BK
2 = BK
3 = BK
4 = BK
Contact | Color (signal designation) | Contact (optional)
PE = GNYE
Electrical properties
Rated surge voltage
6 kV
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
690 V AC
16 A (when using 2.5 mm² conductors)
Nominal current IN
16 A (at 40 °C)
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 100
Connector
Connection 1
Head design
Plug
Head cable outlet
straight
Head thread type
M12
Coding
K
Cable/line
Signal type/category
Power
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)
Standards and regulations
Standard designation
M12 connector
Standards/specifications
based on IEC 61076-2-111
SACC-M12MSK-4PECT-CL SH - Power connector
1027474
https://www.phoenixcontact.com/us/products/1027474
Sep 10, 2024, 4:21 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com