Electronic Components Datasheet Search
  English  ▼

X  

1027474 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1027474
Description  SACC-M12MSK-4PECT-CL SH - Power connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027474 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1027474 Datasheet HTML 1Page - PHOENIX CONTACT 1027474 Datasheet HTML 2Page - PHOENIX CONTACT 1027474 Datasheet HTML 3Page - PHOENIX CONTACT 1027474 Datasheet HTML 4Page - PHOENIX CONTACT 1027474 Datasheet HTML 5Page - PHOENIX CONTACT 1027474 Datasheet HTML 6Page - PHOENIX CONTACT 1027474 Datasheet HTML 7Page - PHOENIX CONTACT 1027474 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power connector, Power, 5-position, shielded, Plug straight M12, coding: K, Crimp connection,
knurl material: Zinc die-cast, tin-plated, external cable diameter 8 mm ... 13 mm, without crimp
contacts
Your advantages
Extremely compact, thanks to the small wiring space and high contact density
•
Safely shielded: reliable shield connection even under extreme mechanical strain
•
Robust connection: suitable for railway applications with high shock and vibration loads
•
High-performance: AC connectors for up to 16 A and 690 V AC
•
Protection against mismatching, thanks to special K-coding
•
Commercial data
Item number
1027474
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF34
Product key
BF2CJB
Catalog page
Page 279 (C-2-2019)
GTIN
4055626522197
Weight per piece (including packing)
41.5 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85366990
Country of origin
DE
SACC-M12MSK-4PECT-CL SH - Power connector
1027474
https://www.phoenixcontact.com/us/products/1027474
Sep 10, 2024, 4:21 AM
Page 1 (8)


Similar Part No. - 1027474

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027476 PHOENIX-1027476 Datasheet
464Kb / 12P
SACC-M12FSK-4PECT-CL SH - Power connector
1027477 PHOENIX-1027477 Datasheet
455Kb / 12P
SACC-M12MSL-4FECT-CL SH - Power connector
1027478 PHOENIX-1027478 Datasheet
452Kb / 12P
SACC-M12FSL-4FECT-CL SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
More results

Similar Description - 1027474

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021783 PHOENIX-1021783 Datasheet
107Kb / 4P
Connector - SACC-P12MSX-8CT-CL SH
1021784 PHOENIX-1021784 Datasheet
109Kb / 4P
Connector - SACC-P12MRX-8CT-CL SH
1422844 PHOENIX-1422844 Datasheet
158Kb / 8P
Data connector - SACC-M12MSX-8CT-CL SH
09/12/2020
1080235 PHOENIX-1080235 Datasheet
597Kb / 13P
SACC-M12MSL-4FEPL-CL SH - Power connector
1027478 PHOENIX-1027478 Datasheet
452Kb / 12P
SACC-M12FSL-4FECT-CL SH - Power connector
1080233 PHOENIX-1080233 Datasheet
598Kb / 13P
SACC-M12FSL-4FEPL-CL SH - Power connector
1422845 PHOENIX-1422845 Datasheet
495Kb / 15P
SACC-M12MRX-8CT-CL SH - Data connector
1027476 PHOENIX-1027476 Datasheet
464Kb / 12P
SACC-M12FSK-4PECT-CL SH - Power connector
1027477 PHOENIX-1027477 Datasheet
455Kb / 12P
SACC-M12MSL-4FECT-CL SH - Power connector
1080228 PHOENIX-1080228 Datasheet
618Kb / 14P
SACC-M12FSK-4PEPL-CL SH - Power connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com