Electronic Components Datasheet Search
  English  ▼

X  

1027474 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1027474
Description  SACC-M12MSK-4PECT-CL SH - Power connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027474 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1027474 Datasheet HTML 1Page - PHOENIX CONTACT 1027474 Datasheet HTML 2Page - PHOENIX CONTACT 1027474 Datasheet HTML 3Page - PHOENIX CONTACT 1027474 Datasheet HTML 4Page - PHOENIX CONTACT 1027474 Datasheet HTML 5Page - PHOENIX CONTACT 1027474 Datasheet HTML 6Page - PHOENIX CONTACT 1027474 Datasheet HTML 7Page - PHOENIX CONTACT 1027474 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Assembly note
NOTE: Observe the permissible bending radii when routing
cables, since the degree of protection may be at risk if the
bending forces are too high. Reduce mechanical loads upstream
of the connector, e.g., by using cable ties.
Product properties
Product type
Circular connector (cable-side)
Application
Power supply
Sensor type
Power
Number of positions
5
No. of cable outlets
1
Shielded
yes
Coding
K
Cable outlet
straight
Data management status
Article revision
02
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Dimensions
Dimensional drawing
Length
58 mm
External dimensions
Outside diameter
8 mm ... 13 mm
Housing
Diameter housing
21.5 mm
Material specifications
Flammability rating according to UL 94
V0
Material of grip body
Zinc die-cast, nickel-plated
Contact carrier material
PA
Material for screw connection
Zinc die-cast, tin-plated
Connection data
SACC-M12MSK-4PECT-CL SH - Power connector
1027474
https://www.phoenixcontact.com/us/products/1027474
Sep 10, 2024, 4:21 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com