Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4224BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADAQ4224BBCZ
Description  24-Bit, 2 MSPS, μModule Data-Acquisition Solution
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4224BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAQ4224BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 11Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 12Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 13Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 14Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 15Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 16Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Data Sheet
ADAQ4224
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 13 of 67
Table 9. Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
Input Voltage, INP, INN
VSSH − 0.2 V to VDDH + 0.2 V
REFIN to GND
−0.3 V to VDD_5V + 0.3 V
Input Current1
±20 mA
Supply Voltage
VDDH to VSSH
40 V
VDD_FDA to GND
11 V
VDD_5V to GND
−0.3 V to +6.0 V
VIO to GND
−0.3 V to +2.1 V
VLDO to GND
−0.3 V to +6.5 V
VDD to TMP_GND
−0.3 V to +4 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
CNV to GND
−0.3 V to VIO + 0.3 V
RSEL, ALARM, SCL, SDA to
TMP_GND
−0.3 V to +4 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Temperature
Storage Range
−55°C to +150°C
Operating Junction Range
−40°C to +105°C
Maximum Reflow (Package Body)
260°C
1 The input pins have clamp diodes connected to the power supply pins.
Whenever input signals exceed the power supply rail by 0.3 V, limit the input
current to 20 mA or less.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required. θJA is the natural convection junction-to-
ambient thermal resistance measured in a one cubic foot sealed
enclosure. θJC is the junction-to-case thermal resistance.
Table 10. Thermal Resistance
Package Type
θJA
θJC_TOP
θJC_BOT
ΨJT
Unit
BC-178-2
28.96
22.60
14.09
14.03
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field-induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADAQ4224
Table 11. ADAQ4224, 178-Ball CSP_BGA
ESD Model
Withstand Threshold (kV)
Class
HBM
±4
3A
FICDM
±1
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com