Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4224BBCZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADAQ4224BBCZ
Description  24-Bit, 2 MSPS, μModule Data-Acquisition Solution
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4224BBCZ Datasheet(HTML) 2 Page - Analog Devices

  ADAQ4224BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Data Sheet
ADAQ4224
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 67
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications......................................... 8
Absolute Maximum Ratings.................................13
Thermal Resistance......................................... 13
Electrostatic Discharge (ESD) Ratings.............13
ESD Caution.....................................................13
Pin Configurations and Function Descriptions.....14
Typical Performance Characteristics................... 16
Terminology......................................................... 28
Theory of Operation.............................................29
Overview.......................................................... 29
Transfer Function............................................. 29
Signal Chain Operation.................................... 30
Digital Sample Processing Features................ 30
Temperature Sensor Operation........................ 31
Applications Information...................................... 35
Typical Application Diagram............................. 35
Reference Circuitry Design.............................. 40
ADC Reset....................................................... 41
Power Supplies................................................ 41
Serial Interface.................................................... 43
SPI Signals.......................................................43
Sample Conversion Timing and Data
Transfer.......................................................... 45
Clocking Modes ...............................................46
Data Clocking Requirements and Timing.........49
Layout Guidelines................................................54
Registers............................................................. 55
Register Details................................................... 56
Interface Configuration A Register................... 56
Interface Configuration B Register................... 56
Device Configuration Register..........................57
Chip Type Register...........................................57
Product ID Low Register.................................. 57
Product ID High Register..................................57
Chip Grade Register.........................................58
Scratch Pad Register....................................... 58
SPI Revision Register...................................... 58
Vendor ID Low Register................................... 59
Vendor ID High Register...................................59
Stream Mode Register..................................... 59
Interface Status A Register.............................. 59
EXIT Configuration Mode Register...................60
Averaging Mode Register.................................60
Offset Registers................................................60
Gain Registers..................................................61
Modes Register................................................ 62
Internal Oscillator Register............................... 62
Output Driver Register......................................63
Test Pattern Registers...................................... 63
Digital Diagnostics Register............................. 64
Digital Errors Register...................................... 64
Temperature Sensor Registers............................65
Temperature Sensor Register Details..................66
Configuration and Status Register................... 66
Outline Dimensions............................................. 67
Ordering Guide.................................................67
Evaluation Boards............................................ 67
REVISION HISTORY
9/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com