Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4224BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADAQ4224BBCZ
Description  24-Bit, 2 MSPS, μModule Data-Acquisition Solution
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4224BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAQ4224BBCZ Datasheet HTML 17Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 18Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 19Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 20Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 21Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 22Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 23Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 24Page - Analog Devices ADAQ4224BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Data Sheet
ADAQ4224
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 67
Figure 43. SNR, SINAD vs. Temperature, fIN = 1 kHz Differential Input,
REFIN = 5 V
Figure 44. SNR, SINAD vs. Temperature, fIN = 1 kHz Single-Ended Input,
REFIN = 5 V
Figure 45. THD vs. Temperature, fIN = 1 kHz Differential Input, REFIN = 5 V
Figure 46. SNR, SINAD vs. Temperature, fIN = 1 kHz Differential Input,
REFIN = 4.096 V
Figure 47. SNR, SINAD vs. Temperature, fIN = 1 kHz Single-Ended Input,
REFIN = 4.096 V
Figure 48. THD vs. Temperature, fIN = 1 kHz Differential Input,
REFIN = 4.096 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com