Electronic Components Datasheet Search
  English  ▼

X  

RH118 Datasheet(PDF) 4 Page - Analog Devices

Part # RH118
Description  Precision, High Speed Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH118 Datasheet(HTML) 4 Page - Analog Devices

  RH118 Datasheet HTML 1Page - Analog Devices RH118 Datasheet HTML 2Page - Analog Devices RH118 Datasheet HTML 3Page - Analog Devices RH118 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RH118
4
Rev. E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage
Input Bias Current
Input Offset Current
Open-Loop Gain
Common Mode Rejection Ratio
Power Supply Rejection Ratio
TOTAL DOSE Krad (Si)
1
110
100
90
80
70
60
50
40
10
100
1000
RH118 G06
VS = 5V TO 20V
TOTAL DOSE Krad (Si)
1
600
500
400
300
200
100
0
10
100
1000
RH118 G03
VS = 20V
VCM = 0V
TOTAL DOSE Krad (Si)
1
60
40
20
0
–20
–40
–60
10
100
1000
RH118 G05
VS = 20V
VCM = 0V
TOTAL DOSE Krad (Si)
1
400
300
200
100
0
10
100
1000
RH118 G02
VS = 15V
VO = 10V
RL = 2k
TOTAL DOSE Krad (Si)
1
110
100
90
80
70
60
50
40
10
100
1000
RH118 G04
VS = 20V
VCM = 16.5V
TOTAL DOSE Krad (Si)
1
6
4
2
0
–2
–4
–6
10
100
1000
RH118 G01
VS = 20V
VCM = 0V
07/23
 ANALOG DEVICES, INC. 1989–2023
www.analog.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com