Electronic Components Datasheet Search
  English  ▼

X  

RH118 Datasheet(PDF) 2 Page - Analog Devices

Part # RH118
Description  Precision, High Speed Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH118 Datasheet(HTML) 2 Page - Analog Devices

  RH118 Datasheet HTML 1Page - Analog Devices RH118 Datasheet HTML 2Page - Analog Devices RH118 Datasheet HTML 3Page - Analog Devices RH118 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH118
2
Rev. E
For more information www.analog.com
TABLE 1: ELECTRICAL CHARACTERISTICS
TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
NOTES
TA = 25˚C
SUB-
GROUP
−55˚C ≤ TA ≤ 125˚C
SUB-
GROUP
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
4
1
6
2,3
mV
IOS
Input Offset Current
50
1
100
2,3
nA
IB
Input Bias Current
250
1
500
2,3
nA
RIN
Input resistance
4
1
MΩ
AV
Large-Signal
Voltage Gain
VS = ±15V, VOUT = ±10V
RL ≥ 2k
50
1
25
2,3
V/mV
SR
Slew Rate
VS = ±15V, AV = 1
5
50
V/µs
GBW
Gain Bandwidth
Product
VS = ±15V
15
MHz
Output Voltage
Swing
VS = ±15V, RL = 2k
±12
4
±12
5,6
V
Input Voltage
Range
VS = ±20V
±16.5
1
±16.5
2,3
V
IS
Supply Current
8
1
mA
TA = 125˚C
7
2
mA
CMRR
Common Mode
Rejection Ratio
80
1
80
2,3
dB
PSRR
Power Supply
Rejection Ratio
70
1
70
2,3
dB
(Postirradiation) (Note 6)
SYMBOL PARAMETER
CONDITIONS
NOTES
10Krad(Si)
20Krad(Si)
50Krad(Si)
100Krad(Si)
200Krad(Si
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input Offset Voltage
4
4
4
4
10
mV
IOS
Input Offset Current
50
50
50
50
100
nA
IB
Input Bias Current
250
250
250
300
400
nA
RIN
Input Resistance
4
1
1
1
0.5
0.5
MΩ
AV
Large-Signal Voltage
Gain
VS = ±15V, VOUT = ±10V
RL ≥ 2k
50
50
50
50
25
V/mV
SR
Slew Rate
VS = ±15V, AV = 1
5
50
50
50
50
50
V/µs
GBW
Gain Bandwidth
Product
VS = ±15V
15
(Typ)
15
(Typ)
15
(Typ)
15
(Typ)
15
(Typ)
MHz
Output Voltage Swing VS = ±15V, RL = 2k
±12
±12
±12
±12
±12
V
Input Voltage Range
±16.5
±16.5
±16.5
±15
±12
V
IS
Supply Current
8
8
8
8
8
mA
CMRR
Common Mode
Rejection Ratio
80
80
80
80
70
dB
PSRR
Power Supply
Rejection Ratio
70
70
70
70
60
dB
(Preirradiation) (Note 3)
Device is characterized at the TID levels below. Device is production tested at 100kRad(si).
Device is characterized at the TID levels below. Device is production tested at 100kRad(si).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com