Electronic Components Datasheet Search
  English  ▼

X  

RH118 Datasheet(PDF) 3 Page - Analog Devices

Part # RH118
Description  Precision, High Speed Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH118 Datasheet(HTML) 3 Page - Analog Devices

  RH118 Datasheet HTML 1Page - Analog Devices RH118 Datasheet HTML 2Page - Analog Devices RH118 Datasheet HTML 3Page - Analog Devices RH118 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH118
3
Rev. E
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
TOTAL DOSE BIAS CIRCUIT
TABLE 2: ELECTRICAL TEST REQUIREMENTS
ELECTRICAL CHARACTERISTICS
Note 1: The inputs are shunted with back-to-back Zeners for overvoltage
protection. Excessive current will flow if a differential voltage greater than
5V is applied to the inputs.
Note 2: For supply voltages less than ±15V, the maximum input voltage is
equal to the supply voltage.
Note 3: These specifications apply for ±5V ≤ VS ≤ ±20V. The power
supplies must be bypassed with a 0.1µF or greater disc capacitor within
four inches of the device.
Note 4: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 5: Slew rate is 100% tested at wafer probe testing. It is QA sample
tested in finished package form.
Note 6: TA = 25°C, VS = ±20V, VCM = 0V, unless otherwise specified.
Supply bypassed per Note 3.
–
+
15V
8V
–15V
0.1µF
0.1µF
RH118 TDBC
2
3
10k
4
6
7
10k
MIL-PRF-38535 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements
1*, 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Group C End Point Electrical Parameters
1, 2, 3
Group D End Point Electrical Parameters
1, 2, 3
Group E End Point Electrical Parameters
1
*PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup
1, tests after cooldown as the final electrical test in accordance with
method 5004 of MIL-STD-883 Class B. The verified failures (including
Delta parameters) of group A, subgroup 1, after burn-in divided by the
total number of devices submitted for burn-in in that lot shall be used to
determine the percent for the lot.
Analog Devices reserves the right to test to tighter limits than those given.
(Continued)
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
C
04/19
Obsolete H + J Package and updating to ADI format
1-4
D
07/23
Updated art title in the Electrical Characteristics section
2
E
06/24
Changed Electrical Test Requirements, Table 2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com