Electronic Components Datasheet Search
  English  ▼

X  

RH27CW Datasheet(PDF) 5 Page - Analog Devices

Part # RH27CW
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH27CW Datasheet(HTML) 5 Page - Analog Devices

  RH27CW Datasheet HTML 1Page - Analog Devices RH27CW Datasheet HTML 2Page - Analog Devices RH27CW Datasheet HTML 3Page - Analog Devices RH27CW Datasheet HTML 4Page - Analog Devices RH27CW Datasheet HTML 5Page - Analog Devices RH27CW Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH27
5
Rev. F
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain
Input Bias Current
TOTAL DOSE KRAD (Si)
1
140
150
170
100
RH27 G04
130
120
10
1000
110
100
160
VS = ±15V
RL = 2k
VOUT = ±10V
TOTAL DOSE KRAD (Si)
1
200
250
350
100
RH27 G05
150
100
10
1000
50
0
300
VS = ±15V
VCM = 0V
Input Offset Voltage
TOTAL DOSE KRAD (Si)
1
0
50
150
100
RH27 G03
–50
–100
10
1000
–150
–200
100
VS = ±15V
VCM = 0V
Input Offset Current
Power Supply Rejection Ratio
TOTAL DOSE KRAD (Si)
1
0
25
RH27 G07
–25
–50
10
100
1000
75
50
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
110
120
140
100
RH27 G08
100
90
10
1000
80
70
130
VS = ±4V TO ±18V
Common Mode Rejection Ratio
TOTAL DOSE KRAD (Si)
1
140
150
170
100
RH27 G06
130
120
10
1000
110
100
160
VS = ±15V
VCM = ±11V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
E
07/23
Updated art title in the Electrical Characteristics section and updated the document to ADI format
1–6
F
07/24
Updated Table 2: Electrical Test Requirements
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com