Electronic Components Datasheet Search
  English  ▼

X  

RH27CW Datasheet(PDF) 6 Page - Analog Devices

Part # RH27CW
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH27CW Datasheet(HTML) 6 Page - Analog Devices

  RH27CW Datasheet HTML 1Page - Analog Devices RH27CW Datasheet HTML 2Page - Analog Devices RH27CW Datasheet HTML 3Page - Analog Devices RH27CW Datasheet HTML 4Page - Analog Devices RH27CW Datasheet HTML 5Page - Analog Devices RH27CW Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH27
6
Rev. F
For more information www.analog.com
 ANALOG DEVICES, INC. 1993-2024
07/24
www.analog.com
TABLE 2: ELECTRICAL TEST REQUIREMENTS
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Analog Devices reserves the right to test to tighter limits than those given.
MIL-PRF-38535 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements
1*, 2, 3, 4, 5, 6, 7
Group A Test Requirements
1, 2, 3, 4, 5, 6, 7
Group C End Point Electrical Parameters
1
Group D End Point Electrical Parameters
1
Group E End Point Electrical Parameters
1
*PDA applies to subgroup 1. See PDA Test Notes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com