Electronic Components Datasheet Search
  English  ▼

X  

RH27CW Datasheet(PDF) 3 Page - Analog Devices

Part # RH27CW
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH27CW Datasheet(HTML) 3 Page - Analog Devices

  RH27CW Datasheet HTML 1Page - Analog Devices RH27CW Datasheet HTML 2Page - Analog Devices RH27CW Datasheet HTML 3Page - Analog Devices RH27CW Datasheet HTML 4Page - Analog Devices RH27CW Datasheet HTML 5Page - Analog Devices RH27CW Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RH27
3
Rev. F
For more information www.analog.com
TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
NOTES MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX UNITS
VOS
Input Offset Voltage RH27E
RH27C
1
1
55
100
80
130
100
180
150
280
200
400
µV
µV
IOS
Input Offset Current RH27E
RH27C
35
75
40
75
50
90
60
120
90
180
nA
nA
IB
Input Bias Current
RH27E
RH27C
±40
±80
±50
±80
±80
±125
±100
±200
±200
±400
nA
nA
Input Resistance
Common Mode
RH27E
RH27C
3 (Typ)
2 (Typ)
3 (Typ)
2 (Typ)
3 (Typ)
2 (Typ)
3 (Typ)
2 (Typ)
3 (Typ)
2 (Typ)
GΩ
GΩ
Input Voltage Range
4
±11
±11
±11
±11
±11
V
CMRR
Common Mode
Rejection Ratio
VCM = ±11V (RH27E)
VCM = ±11V (RH27C)
114
100
114
100
110
97
105
94
100
90
dB
dB
PSRR
Power Supply
Rejection Ratio
VS = ±4V to ±18V (RH27E)
VS = ±4V to ±18V (RH27C)
100
94
100
94
98
92
96
90
94
86
dB
dB
AVOL
Large-Signal
Voltage Gain
RL ≥ 2kΩ, VO = ±10V (RH27E)
RL ≥ 2kΩ, VO = ±10V (RH27C)
1000
700
1000
700
1000
700
900
700
800
400
V/mV
V/mV
VOUT
Maximum Output
Voltage Swing
RL ≥ 2kΩ (RH27E)
RL ≥ 600Ω (RH27E)
RL ≥ 2kΩ (RH27C)
RL ≥ 600Ω (RH27C)
±12
±10
±11.5
±10
±12
±10
±11.5
±10
±12
±10
±11.5
±10
±12
±10
±11.5
±10
±12
±10
±11.5
±10
V
V
V
V
ZO
Open-Loop Output
Resistance
VO = 0, IO = 0
70 (Typ)
70 (Typ)
70 (Typ)
70 (Typ)
70 (Typ)
Ω
PD
Power Dissipation
RH27E
RH27C
140
170
140
170
140
170
140
170
140
170
mW
mW
10KRAD(Si) 20KRAD(Si) 50KRAD(Si) 100KRAD(Si) 200KRAD(Si)
Note 6: See test circuit for current noise measurement on OP-27/OP-37
data sheet.
Note 7: The average input offset drift performance is within the
specifications unnulled or when nulled with a pot having a range 8kΩ to
20kΩ.
Note 8: The RH27’s inputs are protected by back-to-back diodes. Current
limiting resistors are not used in order to achieve low noise. If differential
input voltage exceeds ±0.7V, the input current should be limited to 25mA.
Note 9: VS = ±15V, VCM = 0V unless otherwise noted.
Note 10: TA = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted.
Note 11: RH27AEW is marked and processed as RH27EW. Orders will be
delivered through box stock screening at 25°C, –55°C to 125°C to the VOS
specification shown on Table 1.
Note 1: Input offset voltage measurements are performed by automatic
test equipment approximately 0.5 seconds after application of power.
Note 2: Long-term input offset voltage stability refers to the averaged
trend line of offset voltage vs time over extended periods after the first
30 days of operation. Excluding the initial hour of operation, changes
in VOS during the first 30 days are typically 2.5µV. Refer to the typical
performance curve.
Note 3: Sample tested to an LTPD of 15 on every lot. Contact factory for
100% testing of 10Hz voltage density noise.
Note 4: Parameter is guaranteed by design, characterization, or correlation
to other tested parameters.
Note 5: See test circuit and frequency response curve for 0.1Hz to 10Hz
tester on OP-27/OP-37 data sheet.
(Postirradiation) (Note 10)
Device is characterized at the TID levels below. Device is production tested at 100kRad(si).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com