Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4411
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4411 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4411 Datasheet HTML 4Page - Analog Devices LTC4411 Datasheet HTML 5Page - Analog Devices LTC4411 Datasheet HTML 6Page - Analog Devices LTC4411 Datasheet HTML 7Page - Analog Devices LTC4411 Datasheet HTML 8Page - Analog Devices LTC4411 Datasheet HTML 9Page - Analog Devices LTC4411 Datasheet HTML 10Page - Analog Devices LTC4411 Datasheet HTML 11Page - Analog Devices LTC4411 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
8 of 18
BLOCK DIAGRAM
THEORY OF OPERATION
The LT4423 is a single positive voltage ideal diode, utilizing two integrated back-to-back P-channel power MOSFETs
with a RON of 200mΩ. The IN pins form the anode, while the OUT pins form the cathode and are typically connected
in parallel with other diode cathodes in an ORing configuration.
By applying an input power supply to IN, between 1.9V and 28V, a load can be powered at OUT. An internal gate drive
amplifier (see Block Diagram) attempts to regulate the forward (IN - OUT) voltage drop to 15mV. The MOSFET gate
overdrive voltage adjusts to maintain the 15mV drop. At load currents above approximately 75mA, the internal
MOSFETs are fully on, and the forward voltage drop is governed by the ohmic relationship of ILOAD⠂RON.
Typical on-resistance (200mΩ) is achieved when IN ≥ 4V. Below IN = 4V, diminishing gate drive causes RON to increase,
as shown in the Typical Performance Curves. Operating with high RON and high currents will cause large forward
drops and temperature rise.
If the OUT voltage exceeds the IN voltage by approximately 20mV, the internal power MOSFET turns off quickly
through a fast comparator, disabling the power path. Once disabled, OUT is disconnected from IN.
The LT4423 is placed in shutdown mode by driving SHDN low. In shutdown, the device consumes very little
quiescent current (typically less than 500nA), the power path disables, and OUT is disconnected from IN. Driving
SHDN
high enables the power path, connecting the load at OUT to the input power supply connected to IN.
Integrated thermal protection disconnects the power path when the junction temperature exceeds 160°C (typical).
While the power path is disabled due to the overtemperature condition, the device remains active and consumes
power. Once the device cools down to about 145°C, the power path is restored (assuming the OUT voltage does not
exceed the IN voltage by approximately 20mV, and the device has not been placed into shutdown mode by driving
SHDN
low).
GND
IN
OUT
SHDN
STATUS
(OUT > IN)
INTERNAL
BIAS
THERMAL
SHUTDOWN
15mV
REGULATOR
15mV
UVLO
VMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com