Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4411
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4411 Datasheet(HTML) 1 Page - Analog Devices

  LTC4411 Datasheet HTML 1Page - Analog Devices LTC4411 Datasheet HTML 2Page - Analog Devices LTC4411 Datasheet HTML 3Page - Analog Devices LTC4411 Datasheet HTML 4Page - Analog Devices LTC4411 Datasheet HTML 5Page - Analog Devices LTC4411 Datasheet HTML 6Page - Analog Devices LTC4411 Datasheet HTML 7Page - Analog Devices LTC4411 Datasheet HTML 8Page - Analog Devices LTC4411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
LT4423
28V, 2A Ideal Diode and Load Switch
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Internal 200mΩ Power Path
Wide Operating Voltage Range: 1.9V to 28V
Reverse Current Protection
Load Switch Capability
Low 10µA Quiescent Current
Fast 3µs Response to Load Steps
Low 500nA Off State Current
Smooth Switchover in Diode-OR Applications
Integrated Thermal Protection
10-Lead (3mm x 2mm x 0.75mm) LDFN Package
APPLICATIONS
Schottky Diode Replacement
Battery and Wall Adapter Diode ORing
Backup Battery Diode ORing
Industrial and Consumer Hand-Held Applications
GENERAL DESCRIPTION
The LT®4423 is a 1.9V to 28V ideal diode and load switch
with integrated P-channel MOSFETs. When enabled,
15mV forward voltage regulation minimizes power
dissipation while increasing operating headroom and
efficiency compared to a Schottky diode.
Using two LT4423s in diode-OR applications provide a
seamless transfer to the highest available voltage under
varying input supply conditions. A non-enabled LT4423
blocks up to 28V in either direction or polarity while
exhibiting less than 1μA (typical) leakage current,
providing orders of magnitude improvement over
typical Schottky diodes, which leads to extended
battery life.
Fast OUT to IN reverse bias detection minimizes reverse
current, preventing undesired charging of input
batteries. The open-drain STATUS output pulls low
when the LT4423 is in shutdown, reverse bias, or under
thermal protection. Integrated thermal detection
protects from overtemperature conditions by disabling
the power path.
All registered trademarks and trademarks are the property of their
respective owners.
SIMPLIFIED APPLICATION DIAGRAM
Figure 1. USB PD 3.0 and Back-Up Battery Supply
Figure 2. LT4423 I-V CURVE
TO LOAD
USB PD 3.0
PRIMARY
POWER SOURCE
5V TO 20V
BACK-UP
Li-Ion CELL
3.6V
ON OFF
R1
4.7kΩ
SHDN
SHDN
D1
C1
1µF
N/C
GND
IN
OUT
STATUS
LT4423
GND
IN
OUT
STATUS
LT4423
TA = 25°C
IN = 12V
2 IN2 THERMAL RELIEF
DC FORWARD VOLTAGE DROP (mV)
10
100
400
0.001
0.01
0.1
1
2


Similar Part No. - LTC4411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
193Kb / 16P
Push Button On/Off Controller
logo
Linear Integrated Syste...
LTC4411 LINEAR-LTC4411 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
28V Programmable Current-Limited Load Switch
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
logo
ON Semiconductor
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
logo
Alpha & Omega Semicondu...
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
logo
Torex Semiconductor
XC8110 TOREX-XC8110 Datasheet
1Mb / 30P
Load switch IC with ideal diode function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com