Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4411
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4411 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4411 Datasheet HTML 10Page - Analog Devices LTC4411 Datasheet HTML 11Page - Analog Devices LTC4411 Datasheet HTML 12Page - Analog Devices LTC4411 Datasheet HTML 13Page - Analog Devices LTC4411 Datasheet HTML 14Page - Analog Devices LTC4411 Datasheet HTML 15Page - Analog Devices LTC4411 Datasheet HTML 16Page - Analog Devices LTC4411 Datasheet HTML 17Page - Analog Devices LTC4411 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
16 of 18
OUTLINE DIMENSIONS
LDFN Package
10-Lead (3mm × 2mm × 0.75mm)
(Reference DWG # 05-08-1686)
Figure 22. 10-Lead Plastic LDFN
e
DETAIL B
A
PACKAGE TOP VIEW
5
PIN 1
CORNER
Y
X
E
D
DETAIL B
SUBSTRATE
MOLD
CAP
H2
H1
DETAIL C
LDFN 10 1218 REV Ø
PACKAGE BOTTOM VIEW
b
E1
D1
1
5
10
6
SUGGESTED PCB LAYOUT
TOP VIEW
0.000
1.00
0.500
0.500
1.00
0.25 REF
3.00 ±0.05
2.50 ±0.05
6
0.25
0.30
DETAIL A
4
SEE NOTES
PIN 1 NOTCH
0.2 × 45°
SYMBOL
A
A1
L
b
D
E
D1
E1
e
H1
H2
aaa
bbb
ccc
ddd
eee
fff
MIN
0.65
0.01
0.30
0.22
NOM
0.74
0.02
0.40
0.25
2.00
3.00
0.70
2.40
0.50
0.25 REF
0.50 REF
MAX
0.83
0.03
0.50
0.28
0.10
0.10
0.10
0.10
0.15
0.08
DIMENSIONS
A1
DETAIL C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. PRIMARY DATUM -Z- IS SEATING PLANE
METAL FEATURES UNDER THE SOLDER MASK OPENING NOT SHOWN
SO AS NOT TO OBSCURE THESE TERMINALS AND HEAT FEATURES
5
4
DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE
LOCATED WITHIN THE ZONE INDICATED. THE PIN 1 IDENTIFIER
MAY BE EITHER A MOLD OR MARKED FEATURE
6
THE EXPOSED HEAT FEATURE MAY HAVE OPTIONAL CORNER RADII
PACKAGE
OUTLINE
NOTES
PAD DIMENSION
SUBSTRATE THK
MOLD CAP HT
0.70 REF
0.30
DETAIL A
e
L
e/2
2.40
0.70
0.30
2×
aaa Z
M
X Y
Z
ccc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com