Electronic Components Datasheet Search
  English  ▼

X  

UBA1706TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA1706TS
Description  Cordless telephone line interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1706TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA1706TS Datasheet HTML 1Page - NXP Semiconductors UBA1706TS Datasheet HTML 2Page - NXP Semiconductors UBA1706TS Datasheet HTML 3Page - NXP Semiconductors UBA1706TS Datasheet HTML 4Page - NXP Semiconductors UBA1706TS Datasheet HTML 5Page - NXP Semiconductors UBA1706TS Datasheet HTML 6Page - NXP Semiconductors UBA1706TS Datasheet HTML 7Page - NXP Semiconductors UBA1706TS Datasheet HTML 8Page - NXP Semiconductors UBA1706TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1999 Jun 04
4
Philips Semiconductors
Objective specification
Cordless telephone line interface
UBA1706
BLOCK DIAGRAM
Fig.1 Block diagram.
Bit names are given in italics.
handbook, full pagewidth
2
REG
SWITCH DRIVER
PROTECTION
2Vd
LVI
3
RGL
n.c.
4
16, 20, 22, 23
AGC
8
TXI
− 14
TXI
+ 15
RXI
9
LINE INTERFACE
LINE
INTERFACE
UBA1706
CRC
RAGC1
SAGC,
AGC
RAGC2
RXM
EHI
EHI
RX PREAMP
TX PREAMP
EHI
600 mV
300 mV
AGC
CURRENT
LIMITATION
200 nA
VCC
CST
6
LCC
5
EHI
10
REG
2
SLPE
24
LN
1
RXO
7
GND
19
CCST
RLVI
VCC
TPDARL
D
TNSW
TNON-HOOK
SLPE
LOW VOLTAGE
PART
VCC 21
2Vd
RSLPE
ZSET
CREG
MBL039
SERIAL
INTERFACE
EN
CLK
DATA
12
13
11
9
SUPPLY
PD
GENERAL SWITCHES
SWI1
SWI2
18
17
SWC1, SWC2
2
RRGL
VI
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com