Electronic Components Datasheet Search
  English  ▼

X  

UBA1706TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA1706TS
Description  Cordless telephone line interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1706TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA1706TS Datasheet HTML 9Page - NXP Semiconductors UBA1706TS Datasheet HTML 10Page - NXP Semiconductors UBA1706TS Datasheet HTML 11Page - NXP Semiconductors UBA1706TS Datasheet HTML 12Page - NXP Semiconductors UBA1706TS Datasheet HTML 13Page - NXP Semiconductors UBA1706TS Datasheet HTML 14Page - NXP Semiconductors UBA1706TS Datasheet HTML 15Page - NXP Semiconductors UBA1706TS Datasheet HTML 16Page - NXP Semiconductors UBA1706TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1999 Jun 04
13
Philips Semiconductors
Objective specification
Cordless telephone line interface
UBA1706
Fig.11 Equivalent circuit of an anti-sidetone network in a Wheatstone bridge configuration.
handbook, full pagewidth
MGL217
Im
ZRXI
RXI
Zbal
Rast1
SLPE
RSLPE
GND
Zline
ZSET
LN
RA
AUTOMATIC GAIN CONTROL (PIN AGC; BITS RAGC1,
RAGC2, SAGC AND AGC)
The UBA1706 performs automatic line loss compensation.
The AGC varies the gain of the transmit amplifier and the
gain of the receive amplifier in accordance with the DC line
current. The control range is 6.5 dB (which corresponds
roughly to a line length of 5.5 km for a 0.5 mm diameter
twisted-pair copper cable with a DC resistance of
176
Ω/km and an average attenuation of 1.2 dB/km).
When the line current is greater than Istop, the voltage
gains are minimum. When the line current is less than Istart,
the voltage gains are maximum.
When the AGC pin is connected to pin GND, the start line
current (Istart) can be chosen between 22.5 and 29.5 mA
via bits RAGC1 and RAGC2 through the serial interface.
Two values for the Istop/Istart ratio (slope of the AGC) are
possible via bit SAGC through the serial interface. When
bit SAGC is at logic 0 then Istop = 2.7 × Istart (optimized for
voltage regulation mode). When SAGC is at logic 1 then
Istop = 1.9 × Istart (optimized for current regulation mode).
An external resistor RAGC (connected between pins GND
and AGC) enables the Istart and Istop line currents to be
increased (the ratio between Istart and Istop is not affected
by this external resistor). Therefore, internal and external
adjustments of the AGC allow optimization of the IC for
many configurations of exchange supply voltage and
feeding bridge resistance.
Part of the line current flows into the ZSET impedance
network. The IC has been optimized for ZSET = 619 Ω.
Changing this 619
Ω value slightly modifies Istop and Istart
line currents as well as the value of the two AGC slopes.
The AGC function can be disabled by setting the AGC bit
to logic 0 via the serial interface or by leaving pin AGC
open-circuit. In this case, both of the voltage gains are
maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com