Electronic Components Datasheet Search
  English  ▼

X  

UBA1706TS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UBA1706TS
Description  Cordless telephone line interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1706TS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UBA1706TS Datasheet HTML 17Page - NXP Semiconductors UBA1706TS Datasheet HTML 18Page - NXP Semiconductors UBA1706TS Datasheet HTML 19Page - NXP Semiconductors UBA1706TS Datasheet HTML 20Page - NXP Semiconductors UBA1706TS Datasheet HTML 21Page - NXP Semiconductors UBA1706TS Datasheet HTML 22Page - NXP Semiconductors UBA1706TS Datasheet HTML 23Page - NXP Semiconductors UBA1706TS Datasheet HTML 24Page - NXP Semiconductors UBA1706TS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1999 Jun 04
21
Philips Semiconductors
Objective specification
Cordless telephone line interface
UBA1706
SERIAL BUS TIMING CHARACTERISTICS
VCC = 3.3 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Serial programming clock; pin CLK
fclk
clock frequency
0
300
kHz
Enable programming; pin EN
tSTART
delay to falling clock edge
1
−µs
tEND
delay from last rising clock edge
0.1
−µs
tW(min)
minimum inactive pulse width
1.5
−µs
tSU; EN
enable set-up time to next clock edge
0.1
−µs
Serial data; pin DATA
tSU; DATA
input data to clock set-up time
2
−µs
tHD; DATA
input data to clock hold time
2
−µs
Fig.13 Serial bus timing diagram.
handbook, full pagewidth
MGK716
tSU;DATA
1/fclk
tSU;EN
tEND
tW
tHD;DATA
tSTART
CLK
DATA
EN
D5
D4
AD1
AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com