Electronic Components Datasheet Search
  English  ▼

X  

UDA1344TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UDA1344TS
Description  Low-voltage low-power stereo audio CODEC with DSP features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1344TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UDA1344TS Datasheet HTML 1Page - NXP Semiconductors UDA1344TS Datasheet HTML 2Page - NXP Semiconductors UDA1344TS Datasheet HTML 3Page - NXP Semiconductors UDA1344TS Datasheet HTML 4Page - NXP Semiconductors UDA1344TS Datasheet HTML 5Page - NXP Semiconductors UDA1344TS Datasheet HTML 6Page - NXP Semiconductors UDA1344TS Datasheet HTML 7Page - NXP Semiconductors UDA1344TS Datasheet HTML 8Page - NXP Semiconductors UDA1344TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2000 Feb 04
4
Philips Semiconductors
Preliminary specification
Low-voltage low-power stereo audio
CODEC with DSP features
UDA1344TS
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGL441
ADC
0 dB/6 dB
SWITCH
0 dB/6 dB
SWITCH
3
5
10
11
18
16
17
19
25
27
23
22
12
15
14
13
20
21
8
VINL
VDDD
VSSD
DATAO
BCK
WS
DATAI
MP1
VOUTL
28
24
9
26
VOUTR
SYSCLK
MP4
MP3
MP2
MP5
MC2
MC1
VINR
21
76
4
DECIMATION FILTER
DC-CANCELLATION FILTER
DIGITAL INTERFACE
L3-BUS
INTERFACE
ADC
DAC
Vref(D)
VDDO
VSSO
DAC
INTERPOLATION FILTER
NOISE SHAPER
DSP FEATURES
VDDA(ADC) VSSA(ADC)
VADCP
VADCN
Vref(A)
UDA1344TS
VDDA(DAC) VSSA(DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com