Electronic Components Datasheet Search
  English  ▼

X  

UDA1344TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1344TS
Description  Low-voltage low-power stereo audio CODEC with DSP features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1344TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1344TS Datasheet HTML 9Page - NXP Semiconductors UDA1344TS Datasheet HTML 10Page - NXP Semiconductors UDA1344TS Datasheet HTML 11Page - NXP Semiconductors UDA1344TS Datasheet HTML 12Page - NXP Semiconductors UDA1344TS Datasheet HTML 13Page - NXP Semiconductors UDA1344TS Datasheet HTML 14Page - NXP Semiconductors UDA1344TS Datasheet HTML 15Page - NXP Semiconductors UDA1344TS Datasheet HTML 16Page - NXP Semiconductors UDA1344TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2000 Feb 04
13
Philips Semiconductors
Preliminary specification
Low-voltage low-power stereo audio
CODEC with DSP features
UDA1344TS
handbook, full pagewidth
tstp(L3)
address
L3DATA
L3CLOCK
L3MODE
address
data byte #1
data byte #2
MGL725
Fig.6 Multibyte data transfer.
L3 interface registers
When the data transfer of type ‘status’ is selected, the features system clock frequency, data input format and DC filter
can be controlled.
Table 14 Data transfer of type ‘status’
When the data transfer of type ‘data’ is selected, the features volume, bass boost, treble, de-emphasis, mute, mode and
power control can be controlled.
Table 15 Data transfer of type ‘data’
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER SELECTED
0
0
SC1
SC0
IF2
IF1
IF0
DC
SC = system clock frequency (2 bits); see Table 16
IF = data input format (3 bits); see Table 17
DC = DC filter (1 bit); see Table 18
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER SELECTED
0
0
VC5
VC4
VC3
VC2
VC1
VC0
VC = volume control (6 bits); see Table 19
0
1
BB3
BB2
BB1
BB0
TR1
TR0
BB = bass boost (4 bits); see Table 20
TR = treble (2 bits); see Table 21
1
0
0
DE1
DE0
MT
M1
M0
DE = de-emphasis (2 bits); see Table 22
MT = mute (1 bit); see Table 23
M = filter mode (2 bits); see Table 24
110000
PC1
PC0
PC = power control (2 bits); see Table 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com