Electronic Components Datasheet Search
  English  ▼

X  

UDA1344TS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UDA1344TS
Description  Low-voltage low-power stereo audio CODEC with DSP features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1344TS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UDA1344TS Datasheet HTML 17Page - NXP Semiconductors UDA1344TS Datasheet HTML 18Page - NXP Semiconductors UDA1344TS Datasheet HTML 19Page - NXP Semiconductors UDA1344TS Datasheet HTML 20Page - NXP Semiconductors UDA1344TS Datasheet HTML 21Page - NXP Semiconductors UDA1344TS Datasheet HTML 22Page - NXP Semiconductors UDA1344TS Datasheet HTML 23Page - NXP Semiconductors UDA1344TS Datasheet HTML 24Page - NXP Semiconductors UDA1344TS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2000 Feb 04
21
Philips Semiconductors
Preliminary specification
Low-voltage low-power stereo audio
CODEC with DSP features
UDA1344TS
APPLICATION INFORMATION
MGL444
47
Ω
R30
C11
100
µF
(16 V)
C12
100
µF
(16 V)
VDD1
VDD2
L1
8LM32A07
8LM32A07
L2
3 V
ground
1
VSSA(ADC)
UDA1344TS
12
4
SYSCLK
Vref(A)
10
26
7
11
VDDD
VDDA(ADC) VADCN VADCP
VSSD
system
clock
18
DATAO
16
BCK
17
WS
overload
flag
9
MP1
C1
47
µF
(16 V)
3
VINL
26
VOUTL
R23
100
Ω
R22
10 k
Ω
24
VOUTR
R26
100
Ω
R27
10 k
Ω
C6
47
µF
(16 V)
5
VINR
19
DATAI
13
MP2
14
MP3
15
MP4
100 nF
(63 V)
R21
1
Ω
10
Ω
R24
C2
100
µF
(16 V)
C25
100 nF
(63 V)
C21
VDD1
C3
47
µF
(16 V)
C8
47
µF
(16 V)
C5
47
µF
(16 V)
C22
100 nF
(63 V)
28
Vref(D)
C4
47
µF
(16 V)
C23
100 nF
(63 V)
100 nF
(63 V)
R28
1
Ω
C9
100
µF
(16 V)
C29
VDD2
VSSO
27
VDDO
25
R25
1
Ω
C7
100
µF
(16 V)
C26
100 nF
(63 V)
VDD1
VDDA(DAC)
VSSA(DAC)
23
22
R29
1
Ω
C10
100
µF
(16 V)
C27
100 nF
(63 V)
VDD1
left
output
right
output
left
input
right
input
X5
X4
X2
X3
Fig.9 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com