Electronic Components Datasheet Search
  English  ▼

X  

S2043 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S2043
Description  HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2043 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S2043 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Applied Micro Circuits Corporation
6195 Lusk Blvd., San Diego, CA 92121 • (619) 450-9333
3
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
S2042/S2043
Reference Clock Input
The reference clock input (REFCLK) must be sup-
plied with a single-ended AC coupled crystal clock
source with 100 PPM tolerance to assure that the
transmitted data meets the Fibre Channel frequency
limits. The internal serial clock is frequency locked to
the reference clock. The word rate clock (TCLK, TCLKN)
output frequency is determined by the selected oper-
ating speed and word width. Refer to Table 1 for
TCLK/TCLKN clock frequencies.
Table 1. Transmitter Operating Modes
Data Rate
(Mbits/sec)
RATESEL
REFSEL
DWS
Word
Width
(Bits)
Reference
Clock
Frequency
(MHz)
1062.5
1062.5
531.25
531.25
265.625
0
0
1
1
Open
10
20
10
20
10
1
0
1
0
1
TCLK/TCLKN
Frequency
(MHz)
53.125
53.125
53.125
26.5625
26.5625
106.25
53.125
53.125
26.5625
26.5625
1
0
1
0
1
Parallel/Serial Conversion
The parallel-to-serial converter takes in 10-bit or 20-
bit wide data from the input latch and converts it to a
serial data stream. Parallel data is latched into the
transmitter on the positive going edge of REFCLK.
The data is then clocked synchronous to the clock
synthesis unit serial clock into the serial output shift
register. The shift register is clocked by the internally
generated bit clock which is 10 times the REFCLK
input frequency. The state of the serial outputs is
controlled by the output enable pins, OE0 and OE1.
D10 is transmitted first in 10-bit mode. D0 is trans-
mitted first in 20-bit mode. Table 2 shows the mapping
of the parallel data to the 8B/10B codes.
10-Bit/20-Bit Mode
The S2042 operates with either 10-bit or 20-bit par-
allel data inputs. Word width is selectable via the
DWS pin. In 10-bit mode, D10–D19 are used and
D0–D9 are ignored.
First Data Byte
Second Data Byte
19
18
17
16
15
14
13
12
11
10
j
h
g
f
i
e
d
c
b
a
9
8
7
6
5
4
3
2
1
0
TX[00:19] or
RX[00:19]
8b/10b alphabetic
representation
j
h
g
f
i
e
d
c
b
a
First bit transmitted in 20-bit mode
First bit transmitted in 10-bit mode
Table 2. Data Mapping to 8b/10b Alphabetic Representation
Figure 4. S2043 Functional Block Diagram
PLL CLOCK
RECOVERY
2:1
D
20
D
BITCLK
Q
SYNC
DETECT
LOGIC
CONTROL
LOGIC
RX
REFCLK
REFSEL
RATESEL
LOCK_REF
RY
RLX
RLY
LPEN
DWS
SYNCEN
LOCKDETN
D(0..19)
RCLK
SYNC
RCLKN
SHIFT
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com