Electronic Components Datasheet Search
  English  ▼

X  

S2043 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # S2043
Description  HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2043 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  S2043 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2043 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Applied Micro Circuits Corporation
6195 Lusk Blvd., San Diego, CA 92121 • (619) 450-9333
1
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
S2042/S2043
Optical
TX
Optical
RX
Optical
RX
Optical
TX
S2043
RX
S2042
TX
S2036
Open
Fiber
Control
(OFC)
S2036
Open
Fiber
Control
(OFC)
S2042
TX
S2043
RX
Fibre
Channel
Controller
Fibre
Channel
Controller
BiCMOS PECL CLOCK GENERATOR
®
PRELIMINARY
DEVICE SPECIFICATION
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
S2042/S2043
FEATURES
• Functionally compliant with ANSI X3T11 Fibre
Channel physical and transmission protocol
standards
• S2042 transmitter incorporates phase-locked loop
(PLL) providing clock synthesis from low-speed
reference
• S2043 receiver PLL configured for clock and
data recovery
• 1062, 531 and 266 Mb/s operation
• 10- or 20-bit parallel TTL compatible interface
• 1 watt typical power dissipation for chipset
• +3.3/+5V power supply
• Low-jitter serial PECL compatible interface
• Lock detect
• Local loopback
• 10mm x 10mm 52 PQFP package
• Fibre Channel framing performed by receiver
• Continuous downstream clocking from receiver
• TTL compatible outputs possible with +5V I/O
power supply
APPLICATIONS
High-speed data communications
• Supercomputer/Mainframe
• Workstation
• Switched networks
• Proprietary extended backplanes
• Mass storage devices/RAID drives
GENERAL DESCRIPTION
The S2042 and S2043 transmitter and receiver pair
are designed to perform high-speed serial data trans-
mission over fiber optic or coaxial cable interfaces
conforming to the requirements of the ANSI X3T11
Fibre Channel specification. The chipset is select-
able to 1062, 531 or 266 Mbit/s data rates with
associated 10- or 20-bit data word.
The chipset performs parallel-to-serial and serial-to-
parallel conversion and framing for block-encoded
data. The S2042 on-chip PLL synthesizes the high-
speed clock from a low-speed reference. The S2043
on-chip PLL synchronizes directly to incoming digital
signals to receive the data stream. The transmitter
and receiver each support differential PECL-compat-
ible I/O for fiber optic component interfaces, to
minimize crosstalk and maximize data integrity. Lo-
cal loopback allows for system diagnostics. The TTL
I/O section can operate from either a +3.3V or a +5V
power supply. With a 3.3V power supply the chipset
dissipates only 1W typically.
Figure 1 shows a typical network configuration incor-
porating the chipset. The chipset is compatible with
AMCC’s S2036 Open Fiber Control (OFC) device.
Figure 1. System Block Diagram


Similar Part No. - S2043

ManufacturerPart #DatasheetDescription
logo
ABB
S204-B10 ABB-S204-B10 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 4P - B - 10 A
S204-B16 ABB-S204-B16 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 4P - B - 16 A
S204-B20 ABB-S204-B20 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 4P - B - 20 A
S204-B25 ABB-S204-B25 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 4P - B - 25 A
S204-B32 ABB-S204-B32 Datasheet
70Kb / 3P
Miniature Circuit Breaker - S200 - 4P - B - 32 A
More results

Similar Description - S2043

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
High Performance Serial Backplane Transceiver
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
logo
Macronix International
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com