Electronic Components Datasheet Search
  English  ▼

X  

CDB4392 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4392 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB4392 Datasheet HTML 29Page - Cirrus Logic CDB4392 Datasheet HTML 30Page - Cirrus Logic CDB4392 Datasheet HTML 31Page - Cirrus Logic CDB4392 Datasheet HTML 32Page - Cirrus Logic CDB4392 Datasheet HTML 33Page - Cirrus Logic CDB4392 Datasheet HTML 34Page - Cirrus Logic CDB4392 Datasheet HTML 35Page - Cirrus Logic CDB4392 Datasheet HTML 36Page - Cirrus Logic CDB4392 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
CS4392
DS459PP3
33
SWITCHING SPECIFICATIONS - DSD INTERFACE (Logic 0 = AGND; Logic 1 = VL)
Parameter
Symbol
Min
Max
Unit
MCLK Duty Cycle
40
60
%
DSD_SCLK Pulse Width Low
tsclkl
20
-
ns
DSD_SCLK Pulse Width High
tsclkh
20
-
ns
DSD_SCLK Period
tsclkw
20
-ns
DSD_L or DSD_R valid to DSD_SCLK rising setup time
tsdlrs
20
-
ns
DSD_SCLK rising to DSD_L or DSD_R hold time
tsdh
20
-
ns
sclkh
t
sclkl
t
D SD_L, DS D _R
DS D _S C LK
sd lrs
t
sdh
t
Figure 37. Direct Stream Digital - Serial Audio Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com