Electronic Components Datasheet Search
  English  ▼

X  

CDB4392 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CDB4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4392 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CDB4392 Datasheet HTML 32Page - Cirrus Logic CDB4392 Datasheet HTML 33Page - Cirrus Logic CDB4392 Datasheet HTML 34Page - Cirrus Logic CDB4392 Datasheet HTML 35Page - Cirrus Logic CDB4392 Datasheet HTML 36Page - Cirrus Logic CDB4392 Datasheet HTML 37Page - Cirrus Logic CDB4392 Datasheet HTML 38Page - Cirrus Logic CDB4392 Datasheet HTML 39Page - Cirrus Logic CDB4392 Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
CS4392
36
DS459PP3
DC ELECTRICAL CHARACTERISTICS (AGND = 0V; all voltages with respect to AGND.)
Notes: 10. Normal operation is defined as RST = HI with a 997 Hz, 0dBFS input sampled at Fs = 48kHz, and open
outputs, unless otherwise stated.
11. Power-Down Mode is defined as RST = LO with all clocks and data lines held static.
12. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 1 and 2.
DIGITAL INPUT CHARACTERISTICS & SPECIFICATIONS (AGND = 0V; all voltages
with respect to AGND.)
THERMAL CHARACTERISTICS AND SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Normal Operation (Note 10)
Power Supply Current
All Supplies=5.0V
IA + IL
-26
30
mA
Power Dissipation
-
130
150
mW
Power-Down Mode (Note 11)
Power Supply Current
All Supplies=5.0V
IA + IL
-300
-
µA
Power Dissipation
-
1.5
-
mW
All Modes of Operation
Power Supply Rejection Ratio (Note 12)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Common Mode Voltage
Output Impedance
Maximum allowable DC current source/sink
CMOUT
-
-
-
0.48•VA
250
0.001
-
-
-
V
k
Ω
mA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
250
0.001
-
-
-
V
k
Ω
mA
MUTEC Low-Level Output Voltage
-
0
-
V
MUTEC High-Level Output Voltage
-
VA
-
V
Maximum MUTEC Drive Current
-
3
-
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
High-Level Input Voltage
VIH
70%
-
-
VL
Low-Level Input Voltage
VIL
-20%
VL
Parameters
Symbol
Min
Typ
Max
Units
Package Thermal Resistance
CS4392-KS
CS4392-KZ/KZZ
θJA
θJA
-
-
68
72
-
-
°C/Watt
°C/Watt
Ambient Operating Temperature
(Power Applied)
TA
-10
-
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com