Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4954_06 Datasheet HTML 41Page - Cirrus Logic CS4954_06 Datasheet HTML 42Page - Cirrus Logic CS4954_06 Datasheet HTML 43Page - Cirrus Logic CS4954_06 Datasheet HTML 44Page - Cirrus Logic CS4954_06 Datasheet HTML 45Page - Cirrus Logic CS4954_06 Datasheet HTML 46Page - Cirrus Logic CS4954_06 Datasheet HTML 47Page - Cirrus Logic CS4954_06 Datasheet HTML 48Page - Cirrus Logic CS4954_06 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
CS4954 CS4955
DS278F6
45
Hue LSB Adjust Register
Address
0
×15
HUE_LSB
Read/Write
Default Value = 00h
Hue MSB Adjust Register
Address
0
×16
HUE_MSB
Read/Write
Default Value = 00h
SCH Sync Phase Adjust
Address
0
×17
SCH
Read/Write
Default Value = 00h
Closed Caption Enable Register
Address
0
×18
CC_EN
Read/Write
Default Value = 00h
Bit Number
765
432
10
Bit Name
HUE LSB
Default
000
000
00
Bit
Mnemonic
Function
7:0
HUE LSB
8 LSBs for hue phase shift
Bit Number
76543
210
Bit Name
RESERVED
MSB
Default
00000
000
Bit
Mnemonic
Function
7:2
-
reserved
1:0
HUE MSB
2 MSBs for hue phase shift
Bit
Mnemonic
Function
7:0
SCH
Adjust in increments of
≈1.4 degree per bit up to 360°
Bit Number
765
4
32
1
0
Bit Name
RESERVED
EN_284
EN_21
Default
000
0
00
0
0
Bit
Mnemonic
Function
7:2
-
reserved
1
CC EN[1]
enable closed caption for line 284
0
CC EN[0]
enable closed caption for line 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com