Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4954_06 Datasheet HTML 48Page - Cirrus Logic CS4954_06 Datasheet HTML 49Page - Cirrus Logic CS4954_06 Datasheet HTML 50Page - Cirrus Logic CS4954_06 Datasheet HTML 51Page - Cirrus Logic CS4954_06 Datasheet HTML 52Page - Cirrus Logic CS4954_06 Datasheet HTML 53Page - Cirrus Logic CS4954_06 Datasheet HTML 54Page - Cirrus Logic CS4954_06 Datasheet HTML 55Page - Cirrus Logic CS4954_06 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
CS4954 CS4955
52
DS278F6
Interrupt Register 0
Address
0
×32
INT_EN
Read/Write
Default Value = 00h
Interrupt Register 1
Address
0
×33
INT_CLR
Read/Write
Default Value = 00h
Status Register 0
Address
0
×34
STATUS_0
Read Only
Default Value = 00h
Status Register 1
Address
0
×5A
STATUS_1
Read only
Default Value = 04h
Bit Number
765
43
2
1
0
Bit Name
RESERVED
INT_21_EN
INT_284_EN
INT_V_EN
Default
000
00
0
0
0
Bit
Mnemonic
Function
7:3
-
reserved
2
INT_21_EN
interrupt enable for closed caption line 21
1
INT_284_EN
interrupt enable for closed caption line 284
0INT_V_EN
interrupt enable for new video field
Bit Number
76543
2
1
0
Bit Name
RESERVED
CLR_INT_21
CLR_INT_284
CLR_INT_V
Default
00000
0
0
0
Bit
Mnemonic
Function
7:3
-
reserved
2
CLR_INT_21
clear interrupt for closed caption line 21 (INT 21)
1
CLR_INT_284
clear interrupt for closed caption line 284 (INT_284)
0
CLR_INT_V
clear interrupt for new video field (INT_V)
Bit Number
54
3
2:0
Bit Name
INT_21
INT_284
INT_V
FLD
Default
00
0
0
Bit
Mnemonic
Function
5INT_21
Interrupt flag for line 21 (closed caption) complete
4
INT_284
Interrupt flag for line 284 (closed caption) complete
3INT_V
Interrupt flag for video field change
2:0
FLD_ST
Field Status bits(001 = field 1,000 = field 8)
Bit Number
76
54
32
10
Bit Name
DEVICE_ID
Default
00
000
10
0
Bit
Mnemonic
Function
7:0
DEVICE_ID
Device identification: CS4954: 0000 0100, CS4955: 0000 0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com