Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4954_06 Datasheet HTML 45Page - Cirrus Logic CS4954_06 Datasheet HTML 46Page - Cirrus Logic CS4954_06 Datasheet HTML 47Page - Cirrus Logic CS4954_06 Datasheet HTML 48Page - Cirrus Logic CS4954_06 Datasheet HTML 49Page - Cirrus Logic CS4954_06 Datasheet HTML 50Page - Cirrus Logic CS4954_06 Datasheet HTML 51Page - Cirrus Logic CS4954_06 Datasheet HTML 52Page - Cirrus Logic CS4954_06 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
CS4954 CS4955
DS278F6
49
Filter Register 5
Address
0
×27
B_AMP
Read/Write
Default Value = 80h
Filter Register 6
Address
0
×28
Bright_Offsett Read/Write
Default Value = 00h
Teletext Register 0
Address
0
×29
TTXHS
Read/Write
Default Value = A1h
Teletext Register 1
Address
0
×2A
TTXHD
Read/Write
Default Value = 02h
Bit Number
765
432
10
Bit Name
B_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
B_AMP
Blue amplitude coefficient
Bit Number
765
432
10
Bit Name
BRIGHTNESS_OFFSET
Default
000
000
00
Bit
Mnemonic
Function
7:0
BRGHT_OFFSET
Brightness adjustment ( range: -128 to +127)
Bit Number
765
432
10
Bit Name
TTXHS
Default
101
000
01
Bit
Mnemonic
Function
7:0
TTXHS
Start of teletext request pulses or start of window
Bit Number
765
432
10
Bit Name
TTXHD
Default
000
000
10
Bit
Mnemonic
Function
7:0
TTXHD
If TTX_WINDOW = 0 then this register is used as the Pipeline delay between
TTXRQ and TTXDAT signals in the teletext source. User programmable delay step
of 37 ns per LSB.
If TTX_WINDOW = 1 then this register is used as the 8 LSBs of the teletext insertion
windows; the 3 MSBs are located in register 0×31. (register 0×31 bit 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com