Electronic Components Datasheet Search
  English  ▼

X  

UDA1350ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UDA1350ATS
Description  IEC 958 audio DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1350ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UDA1350ATS Datasheet HTML 13Page - NXP Semiconductors UDA1350ATS Datasheet HTML 14Page - NXP Semiconductors UDA1350ATS Datasheet HTML 15Page - NXP Semiconductors UDA1350ATS Datasheet HTML 16Page - NXP Semiconductors UDA1350ATS Datasheet HTML 17Page - NXP Semiconductors UDA1350ATS Datasheet HTML 18Page - NXP Semiconductors UDA1350ATS Datasheet HTML 19Page - NXP Semiconductors UDA1350ATS Datasheet HTML 20Page - NXP Semiconductors UDA1350ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
2000 Mar 29
17
Philips Semiconductors
Preliminary specification
IEC 958 audio DAC
UDA1350ATS
8.6.8
WRITABLE REGISTERS
8.6.8.1
Restoring L3 defaults
By writing to the 7FH register, all L3 control values are
restored to their default values. Only the L3 interface is
affected, the system will not be reset. Consequently
readable registers, which are not reset, can be affected.
8.6.8.2
Power-on
A 1-bit value to switch the DAC on and off.
Table 10 Power-on setting
8.6.8.3
Filter mode selection
A 2-bit value to program the mode for the sound
processing filters of bass boost and treble.
Table 11 Filter mode settings
8.6.8.4
Treble
A 2-bit value to program the treble setting in combination
with the filter mode settings. At fs = 44.1 kHz the −3dB
point for minimum setting is 3.0 kHz and the
−3 dB point
for maximum setting is 1.5 kHz. The default value is ‘00’.
Table 12 Treble settings
8.6.8.5
Bass boost
A 4-bit value to program the bass boost setting in
combination with the filter mode settings. At fs = 44.1 kHz
the
−3 dB point for minimum setting is 250 Hz and the
−3 dB point for maximum setting is 300 Hz. The default
value is ‘0000’.
Table 13 Bass boost settings
8.6.8.6
De-emphasis
A 2-bit value to enable the digital de-emphasis filter.
Table 14 De-emphasis selection
PON
FUNCTION
0
power-down
1
power-on (default setting)
M1
M0
FUNCTION
0
0
flat (default setting)
0
1
minimum
10
1
1
maximum
TR1
TR0
LEVEL (dB)
FLAT
MIN.
MAX.
00000
01022
10044
11066
BB3
BB2
BB1
BB0
LEVEL (dB)
FLAT
MIN.
MAX.
0000000
0001022
0010044
0011066
0100088
01010
10
10
01100
12
12
01110
14
14
10000
16
16
10010
18
18
10100
18
20
10110
18
22
11000
18
24
11010
18
24
11100
18
24
11110
18
24
DE1
DE0
FUNCTION
0
0
other (default setting)
01
fs = 32.0 kHz
10
fs = 44.1 kHz
11
fs = 48.0 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com