Electronic Components Datasheet Search
  English  ▼

X  

UDA1350ATS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UDA1350ATS
Description  IEC 958 audio DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1350ATS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UDA1350ATS Datasheet HTML 15Page - NXP Semiconductors UDA1350ATS Datasheet HTML 16Page - NXP Semiconductors UDA1350ATS Datasheet HTML 17Page - NXP Semiconductors UDA1350ATS Datasheet HTML 18Page - NXP Semiconductors UDA1350ATS Datasheet HTML 19Page - NXP Semiconductors UDA1350ATS Datasheet HTML 20Page - NXP Semiconductors UDA1350ATS Datasheet HTML 21Page - NXP Semiconductors UDA1350ATS Datasheet HTML 22Page - NXP Semiconductors UDA1350ATS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
2000 Mar 29
19
Philips Semiconductors
Preliminary specification
IEC 958 audio DAC
UDA1350ATS
8.6.9
READABLE REGISTERS
8.6.9.1
Mute status
A 1-bit value indicating whether the interpolator is muting
or not muting.
Table 19 Interpolator mute status
8.6.9.2
PLL lock detection
A 1-bit value indicating that the clock regeneration is
locked.
Table 20 PLL lock indication
8.6.9.3
SPDIF lock detection
A 1-bit value indicating the IEC 958 decoder is locked and
is decoding correct data.
Table 21 SPDIF lock detection
8.6.9.4
Audio sample frequency detection
A 2-bit value indicating the audio sample frequency of the
IEC 958 input signal.
Table 22 Audio sample frequency detection
8.6.9.5
PCM detection
A 1-bit value which indicates whether the IEC 958 input
contains PCM audio data or other binary data.
Table 23 Two channel PCM input detection
8.6.9.6
Pre-emphasis detection
A 1-bit value which indicates whether the pre-emphasis bit
was set on the IEC 958 input signal or not set.
Table 24 Pre-emphasis detection
8.6.9.7
Clock accuracy detection
A 2-bit value indicating the timing accuracy of the IEC 958
input signal is conforming to the IEC 958 specification.
Table 25 Input signal accuracy detection
MT stat
FUNCTION
0
no muting
1
muting
PLL lock
FUNCTION
0
out-of-lock
1
locked
SPD lock
FUNCTION
0
not locked or non-PCM data detected
1
locked and PCM data detected
ASF1
ASF0
FUNCTION
0
0
44.1 kHz
0
1
undefined
1
0
48.0 kHz
1
1
32.0 kHz
PCM stat
FUNCTION
0
input with two channel PCM data
1
input without two channel PCM data
PRE
FUNCTION
0
no pre-emphasis
1
pre-emphasis
ACC1
ACC0
FUNCTION
0
0
level II
01
level I
1
0
level III
1
1
undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com