Electronic Components Datasheet Search
  English  ▼

X  

UDA1350ATS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UDA1350ATS
Description  IEC 958 audio DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1350ATS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UDA1350ATS Datasheet HTML 17Page - NXP Semiconductors UDA1350ATS Datasheet HTML 18Page - NXP Semiconductors UDA1350ATS Datasheet HTML 19Page - NXP Semiconductors UDA1350ATS Datasheet HTML 20Page - NXP Semiconductors UDA1350ATS Datasheet HTML 21Page - NXP Semiconductors UDA1350ATS Datasheet HTML 22Page - NXP Semiconductors UDA1350ATS Datasheet HTML 23Page - NXP Semiconductors UDA1350ATS Datasheet HTML 24Page - NXP Semiconductors UDA1350ATS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
2000 Mar 29
21
Philips Semiconductors
Preliminary specification
IEC 958 audio DAC
UDA1350ATS
Notes
1. All supply pins VDD and VSS must be connected to the same external power supply unit.
2. When the DAC must drive a higher capacitive load (above 50 pF), then a series resistor of 100
Ω must be used in
order to prevent oscillations in the output stage of the operational amplifier.
3. The output voltage of the DAC is proportional to the DAC power supply voltage.
Digital input pins
VIH
HIGH-level input voltage
0.8VDD
−
VDD + 0.5 V
VIL
LOW-level input voltage
−0.5
−
+0.2VDD
V
Vhys(RESET)
hysteresis voltage on
pin RESET
−
0.8
−
V
I
LI
input leakage current
−−
10
µA
Ci
input capacitance
−−
10
pF
Rpu(int)
internal pull-up resistance
16
33
78
k
Ω
Rpd(int)
internal pull-down resistance
16
33
78
k
Ω
Digital output pins
VOH
HIGH-level output voltage
IOH = −2 mA
0.85VDD
−−
V
VOL
LOW-level output voltage
IOL =2mA
−−
0.4
V
IL(max)
maximum load current
−
3
−
mA
Digital-to-analog converter; note 2
Vref
reference voltage
measured with respect to
VSSA
0.45VDDA 0.50VDDA 0.55VDDA V
Vo(rms)
output voltage (RMS value)
note 3
−
900
−
mV
(THD + N)/S total harmonic
distortion-plus-noise to signal
ratio
fi = 1.0 kHz tone
at 0 dB
−−90
−85
dB
at
−40 dB; A-weighted
−−60
−55
dB
S/N
signal-to-noise ratio
fi = 1.0 kHz tone; code = 0;
A-weighted
95
100
−
dB
α
cs
channel separation
fi = 1.0 kHz tone
−
96
−
dB
∆V
o
unbalance of output voltages
fi = 1.0 kHz tone
−
0.1
0.4
dB
IEC 958 input
Vi(p-p)
AC input voltage (peak-to-peak
value)
0.2
0.5
3.3
V
Ri
input resistance
−
6
−
k
Ω
Vhys
hysteresis voltage
−
40
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com