Electronic Components Datasheet Search
  English  ▼

X  

HCMS-3917 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3917
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3917 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3917 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Electrical Characteristics over Operating Temperature Range (-40
°C to +85°C)
TA = 25°C
-40
°C < TA < 85°C
VLOGIC = 3.3 V
3.0 V < VLOGIC < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage Current
II
µAVIN = 0 V to VLOGIC
HCMS-390X/396X (4 char)
+7.5
-2.5
+50
HCMS-391X/397X (8 char)
+15
-5.0
+100
ILOGIC OPERATING
ILOGIC (OPT)
mA
VIN = VLOGIC
HCMS-390X/396X (4 char)
0.4
2.5
5
HCMS-391X/397X (8 char)
0.8
5
10
ILOGIC SLEEP[1]
ILOGIC (SLP)
µAVIN = VLOGIC
HCMS-390X/396X (4 char)
5
15
25
HCMS-391X/397X (8 char)
10
30
50
ILED BLANK
ILED (BL)
mA
BL = 0 V
HCMS-390X/396X (4 char)
2.0
4.0
4.0
HCMS-391X/397X (8 char)
4.0
8.0
8.0
ILED SLEEP[1]
ILED (SLP)
µA
HCMS-390X/396X (4 char)
7.5
20
50
HCMS-391X/397X (8 char)
15
40
100
Peak Pixel Current[2]
IPIXEL
14.0
15.9
17.1
mA
VLED = 5.5 V. All
pixels ON, average
value per pixel
HIGH level input voltage
VIH
2.4
V
3.0 V < VLOGIC < 5.5 V
LOW level input voltage
VIL
0.4
V
3.0 V < VLOGIC < 5.5 V
HIGH level output voltage
VOH
2.4
V
3.0 V < VLOGIC < 5.5 V
LOW level output voltage
VOL
0.4
V
3.0 V < VLOGIC < 5.5 V
Thermal Resistance
R
θJ-P
70
oC/W
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
Optical Characteristics at 25
°C ±1°C[1]
VLED = 3.3 V, 100% Peak Current, 100% Pulse Width
Luminous Intensity per LED[2]
Peak Wavelength
Dominant Wavelength
Character Average (
µcd)
λPeak (nm)
λd[3] (nm)
Display Color
Min.
Typ.
Typ.
Typ.
Red
520
2300
635
624
Green
520
1000
574
572
Notes:
1. Refers to the initial case temperature of the device immediately prior to measurement.
2. Measured with all LEDs illuminated in a digit.
3. Dominant wavelength,
λd , is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
perceived LED color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com