Electronic Components Datasheet Search
  English  ▼

X  

HCMS-3917 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3917
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3917 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3917 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Device Selection Guide
Description
Red
Green
1 x 4 0.15" Character
HCMS-3906
HCMS-3907
1 x 8 0.15" Character
HCMS-3916
HCMS-3917
1 x 4 0.20" Character
HCMS-3966
HCMS-3967
1 x 8 0.20" Character
HCMS-3976
HCMS-3977
Absolute Maximum Ratings
Logic Supply Voltage, VLOGIC to GNDLOGIC .................................. -0.3 V to 7.0 V
LED Supply Voltage, VLED to GNDLED ............................................ -0.3 V to 5.5 V
Input Voltage, Any Pin to GND ....................................................... -0.3 V to VLOGIC +0.3 V
Free Air Operating Temperature Range TA[1] ............................. -40°C to +85°C
Relative Humidity (noncondensing) .............................................. 85%
Storage Temperature, TS . .............................................................. -55°C to 100°C
Soldering Temperature [1.59 mm (0.063 in.) below body]
Solder Dipping ................................................................................ 260
°C for 5 secs
Wave Soldering .............................................................................. 250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF (each pin)................................ Class 1, 0-1999 V
TOTAL Package Power Dissipation at TA = 25°C[1]
4 character .................................................................................... 0.766 W
8 character .................................................................................... 1.532 W
16 character . .................................................................................. 3.064 W
Note:
1. For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
Recommended Operating Conditions over Temperature Range
(-40
°C to +85°C)
Parameter
Symbol
Min.
Max.
Units
Logic Supply Voltage[1]
VLOGIC
3.1
5.5
V
LED Supply Voltage[1]
VLED
3.1
5.5
V
GNDLED to GNDLOGIC[1]
–
-0.3
+0.3
V
Note:
1. For further description, see Appendix B, Electrical Considerations, “VLOGIC and VLED
Considerations”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com