Electronic Components Datasheet Search
  English  ▼

X  

HCMS-3917 Datasheet(PDF) 19 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3917
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3917 Datasheet(HTML) 19 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3917 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HCMS-3917 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
Appendix B. Electrical
Considerations
Current Calculations
The peak and average display
current requirements have a
significant impact on power
supply selection. The maximum
peak current is calculated with
Equation 3 in Table 3.
The average current required by
the display can be calculated with
Equation 4 in Table 3.
The power supply has to be able
to supply IPEAK transients and
supply ILED (AVG) continuously.
The range on VLED allows noise
on this supply without signifi-
cantly changing the display
brightness.
Table 3. Equations.
Equation 1:
TJ MAX = TA + PD * RθJA
Where: TJ MAX = maximum IC junction temperature
TA = ambient temperature surrounding the display
R
θJA = thermal resistance from the IC junction to ambient
PD = total power dissipation
Equation 2:
PD = (N * IPIXEL * Duty Factor * VLED) + ILOGIC * VLOGIC
Where:
PD = total power dissipation
N = number of pixels on (maximum 4 char * 5 * 7 = 140)
IPIXEL = peak pixel current.
Duty Factor = 1/8 * Osccyc/64
Osc cyc = number of ON oscillator cycles per row
ILOGIC = IC logic current
VLOGIC = logic supply voltage
Equation 3:
IPEAK = M * 20 * IPIXEL
Where:
IPEAK = maximum instantaneous peak current for the display
M = number of ICs in the system
20 = maximum number of LEDs on per IC
IPIXEL = peak current for one LED
Equation 4:
ILED (AVG) = N * IPIXEL * 1/8 * (oscillator cycles)/64
(See Variable Definitions above)
VLOGIC and VLED Considerations
The display uses two independent
electrical systems. One system is
used to power the display’s logic
and the other to power the
display’s LEDs. These two
systems keep the logic supply
clean.
Separate electrical systems allow
the voltage applied to VLED and
VLOGIC to be varied inde-
pendently. Thus, VLED can vary
from 0 to 5.5 V without affecting
either the Dot or the Control
Registers. VLED can be varied
between 3.1 to 5.5 V without
much noticeable variation in light
output to the human eyes. There
is also no pixel mismatch
observed.
The intensity of the light output
takes a plunge if operated less
than 3.1 V. There is also no pixel
mismatch observed at voltage as
low as 2.6 V. However, operating
below 3.1 V is not recommended.
Dimming the display by pulse
width modulating VLED is also not
recommended.
VLOGIC can vary from 3.0 to 5.5 V
without affecting either the
displayed message or the display
intensity. However, operating
below 3 V may change the timing
and logic levels and may cause
Dot and Control Registers to be
altered. Thus, operation of the
display below 3.0 V is not
recommended.
The logic ground is internally
connected to the LED ground by
a substrate diode. This diode
becomes forward biased and
conducts when the logic ground is
0.4 V greater than the LED
ground. The LED ground and the
logic ground should be connected
to a common ground, which can
withstand the current introduced
by the switching LED drivers.
When separate ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com