Electronic Components Datasheet Search
  English  ▼

X  

ICS853111B Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS853111B
Description  LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853111B Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS853111B Datasheet HTML 11Page - Integrated Device Technology ICS853111B Datasheet HTML 12Page - Integrated Device Technology ICS853111B Datasheet HTML 13Page - Integrated Device Technology ICS853111B Datasheet HTML 14Page - Integrated Device Technology ICS853111B Datasheet HTML 15Page - Integrated Device Technology ICS853111B Datasheet HTML 16Page - Integrated Device Technology ICS853111B Datasheet HTML 17Page - Integrated Device Technology ICS853111B Datasheet HTML 18Page - Integrated Device Technology ICS853111B Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
IDT™ / ICS™
1-TO-10, LVPECL/ECL FANOUT BUFFER
17
ICS853111BY REV. B SEPTEMBER 5, 2007
ICS853111B
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
TABLE 9. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and
industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT
reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
Y
B
1
1
1
3
5
8
S
C
IY
B
1
1
1
3
5
8
S
C
ID
A
P
-
E
,
P
F
Q
T
d
a
e
l
2
3y
a
rtC
°
5
8
o
t
C
°
0
4
-
T
Y
B
1
1
1
3
5
8
S
C
IY
B
1
1
1
3
5
8
S
C
ID
A
P
-
E
,
P
F
Q
T
d
a
e
l
2
3l
e
e
r
&
e
p
a
t
0
0
0
1C
°
5
8
o
t
C
°
0
4
-
F
L
Y
B
1
1
1
3
5
8
S
C
IF
L
Y
B
1
1
1
3
5
8
S
C
ID
A
P
-
E
,
P
F
Q
T
d
a
e
l
2
3
"
e
e
r
F
d
a
e
L
"y
a
rtC
°
5
8
o
t
C
°
0
4
-
T
F
L
Y
B
1
1
1
3
5
8
S
C
IF
L
Y
B
1
1
1
3
5
8
S
C
ID
A
P
-
E
,
P
F
Q
T
d
a
e
l
2
3
"
e
e
r
F
d
a
e
L
"l
e
e
r
&
e
p
a
t
0
0
0
1C
°
5
8
o
t
C
°
0
4
-
.t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
it
a
r
u
g
if
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
if
f
u
s
"
F
L
"
n
a
h
ti
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com