Electronic Components Datasheet Search
  English  ▼

X  

ICS853111B Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS853111B
Description  LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853111B Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS853111B Datasheet HTML 11Page - Integrated Device Technology ICS853111B Datasheet HTML 12Page - Integrated Device Technology ICS853111B Datasheet HTML 13Page - Integrated Device Technology ICS853111B Datasheet HTML 14Page - Integrated Device Technology ICS853111B Datasheet HTML 15Page - Integrated Device Technology ICS853111B Datasheet HTML 16Page - Integrated Device Technology ICS853111B Datasheet HTML 17Page - Integrated Device Technology ICS853111B Datasheet HTML 18Page - Integrated Device Technology ICS853111B Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
IDT™ / ICS™
1-TO-10, LVPECL/ECL FANOUT BUFFER
15
ICS853111BY REV. B SEPTEMBER 5, 2007
ICS853111B
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS853111B is: 1340
Pin compatible with MC100EP111 and MC100LVEP111
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD TQFP, E-PAD
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
69.3°C/W
57.8°C/W
52.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
49.5°C/W
43.8°C/W
41.3°C/W
NOTE:
Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com