Electronic Components Datasheet Search
  English  ▼

X  

LM258 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM258
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258 Datasheet(HTML) 1 Page - ON Semiconductor

  LM258 Datasheet HTML 1Page - ON Semiconductor LM258 Datasheet HTML 2Page - ON Semiconductor LM258 Datasheet HTML 3Page - ON Semiconductor LM258 Datasheet HTML 4Page - ON Semiconductor LM258 Datasheet HTML 5Page - ON Semiconductor LM258 Datasheet HTML 6Page - ON Semiconductor LM258 Datasheet HTML 7Page - ON Semiconductor LM258 Datasheet HTML 8Page - ON Semiconductor LM258 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 18
1
Publication Order Number:
LM358/D
LM358, LM258, LM2904,
LM2904A, LM2904V,
NCV2904
Single Supply Dual
Operational Amplifiers
Utilizing the circuit designs perfected for Quad Operational
Amplifiers, these dual operational amplifiers feature low power drain,
a common mode input voltage range extending to ground/VEE, and
single supply or split supply operation. The LM358 series is
equivalent to one−half of an LM324.
These amplifiers have several distinct advantages over standard
operational amplifier types in single supply applications. They can
operate at supply voltages as low as 3.0 V or as high as 32 V, with
quiescent currents about one−fifth of those associated with the
MC1741 (on a per amplifier basis). The common mode input range
includes the negative supply, thereby eliminating the necessity for
external biasing components in many applications. The output voltage
range also includes the negative power supply voltage.
Features
• Short Circuit Protected Outputs
• True Differential Input Stage
• Single Supply Operation: 3.0 V to 32 V
• Low Input Bias Currents
• Internally Compensated
• Common Mode Range Extends to Negative Supply
• Single and Split Supply Operation
• ESD Clamps on the Inputs Increase Ruggedness of the Device
without Affecting Operation
• Pb−Free Packages are Available
• NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
PDIP−8
N, AN, VN SUFFIX
CASE 626
1
8
SOIC−8
D, VD SUFFIX
CASE 751
1
8
PIN CONNECTIONS
VEE/Gnd
Inputs A
Inputs B
Output B
Output A
VCC
−
−
+
+
1
2
3
4
8
7
6
5
(Top View)
See general marking information in the device marking
section on page 11 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
Micro8
]
DMR2 SUFFIX
CASE 846A
1
8
http://onsemi.com


Similar Part No. - LM258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM258 PHILIPS-LM258 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM258 STMICROELECTRONICS-LM258 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM258 TI-LM258 Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM258 TI-LM258 Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258 ONSEMI-LM258 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
More results

Similar Description - LM258

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
Single Supply Dual Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
Single Supply Dual Operational Amplifiers
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
Single Supply Dual Operational Amplifiers
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com