Electronic Components Datasheet Search
  English  ▼

X  

LM258 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM258
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258 Datasheet(HTML) 2 Page - ON Semiconductor

  LM258 Datasheet HTML 1Page - ON Semiconductor LM258 Datasheet HTML 2Page - ON Semiconductor LM258 Datasheet HTML 3Page - ON Semiconductor LM258 Datasheet HTML 4Page - ON Semiconductor LM258 Datasheet HTML 5Page - ON Semiconductor LM258 Datasheet HTML 6Page - ON Semiconductor LM258 Datasheet HTML 7Page - ON Semiconductor LM258 Datasheet HTML 8Page - ON Semiconductor LM258 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
2
Single Supply
Split Supplies
VCC
VEE/Gnd
3.0 V to VCC(max)
1
2
VCC
1
2
VEE
1.5 V to VCC(max)
1.5 V to VEE(max)
Output
Bias Circuitry
Common to Both
Amplifiers
VCC
VEE/Gnd
Inputs
Q2
Q3
Q4
Q5
Q26
Q7
Q8
Q6
Q9
Q11
Q10
Q1
2.4 k
Q25
Q22
40 k
Q13
Q14
Q15
Q16
Q19
5.0 pF
Q18
Q17
Q20
Q21
2.0 k
Q24
Q23
Q12
25
Figure 1.
Figure 2. Representative Schematic Diagram
(One−Half of Circuit Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com