Electronic Components Datasheet Search
  English  ▼

X  

LM258 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM258
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258 Datasheet(HTML) 3 Page - ON Semiconductor

  LM258 Datasheet HTML 1Page - ON Semiconductor LM258 Datasheet HTML 2Page - ON Semiconductor LM258 Datasheet HTML 3Page - ON Semiconductor LM258 Datasheet HTML 4Page - ON Semiconductor LM258 Datasheet HTML 5Page - ON Semiconductor LM258 Datasheet HTML 6Page - ON Semiconductor LM258 Datasheet HTML 7Page - ON Semiconductor LM258 Datasheet HTML 8Page - ON Semiconductor LM258 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
3
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
32
±16
Vdc
Input Differential Voltage Range (Note 1)
VIDR
±32
Vdc
Input Common Mode Voltage Range (Note 2)
VICR
−0.3 to 32
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction−to−Air (Note 3)
RqJA
238
°C/W
Storage Temperature Range
Tstg
−55 to +125
°C
ESD Protection at any Pin
Human Body Model
Machine Model
Vesd
2000
200
V
Operating Ambient Temperature Range
LM258
LM358
LM2904/LM2904A
LM2904V, NCV2904 (Note 4)
TA
−25 to +85
0 to +70
−40 to +105
−40 to +125
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Split Power Supplies.
2. For Supply Voltages less than 32 V the absolute maximum input voltage is equal to the supply voltage.
3. RqJA for Case 846A.
4.
NCV2904 is qualified for automotive use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com