Electronic Components Datasheet Search
  English  ▼

X  

2SK4100LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK4100LS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4100LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK4100LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK4100LS
No. A0778-3/5
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
yfs -- ID
Drain Current, ID -- A
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT12406
IT12403
--50
--25
150
IT12408
IT12407
0.1
23
5
7
3
3
1.0
2
1.4
0.8
1.0
1.2
0.4
0.6
0.2
0.01
0.1
5
7
3
2
2
1.0
5
7
3
2
10
5
7
3
3
2
7
5
10
7
5
2
2
1.0
32
3
57
10
025
50
75
100
125
25
°C
75
°C
Tc= --25°C
ID=3A
--25
°C
25°C
Tc=75°C
Tc=
--25
°C
25°
C
75°
C
VDS=10V
VGS=0V
IT12410
020
10
30
100
2
3
10
5
2
7
1000
3
2
3
5
7
f=1MHz
10
515
20
30
25
0
0
4
2
20
12
8
16
6
14
10
18
IT12405
5.5
6.0
6.5
7.0
7.5
10
8.0
8.5
9.0
9.5
5.0
0
0.5
1.0
4.0
1.5
2.5
3.0
3.5
2.0
0
0.5
3.5
1.0
1.5
2.5
2.0
3.0
IT12404
6
4
28
10
20
12
14
16
18
0
0
6
20
14
12
18
16
10
8
4
2
VGS=5V
10V
15V
VDS=20V
V GS
=10V
, I D
=3A
8V
50
40
Ciss
Crss
Coss
0.1
1.0
2
23
5
7
10
35
7
100
10
7
5
3
2
7
3
5
2
IT12409
td(off)
td(on)
VDD=200V
VGS=10V
tf
t r
6V
Tc=25
°C
Gate-to-Source Voltage, VGS -- V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com