Electronic Components Datasheet Search
  English  ▼

X  

2SK4100LS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK4100LS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4100LS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK4100LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4100LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK4100LS
No. A0778-4/5
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
A S O
VGS -- Qg
PD -- Ta
PD -- Tc
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
20
40
60
80
100
120
2.5
140
160
2.0
1.5
1.0
0.5
IT12337
0
3
10
0
1
4
8
9
5
6
7
2
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT10478
IT12412
0.01
0.1
2
3
5
2
3
5
7
2
1.0
3
5
7
2
0.1
1.0
10
100
23
5 7
2 3
5 7
7
2
1000
35
2 3
5 7
025
20
10
15
5
IT12411
0
0
20
40
60
80
100
140
120
20
25
30
35
33
15
10
5
40
160
IT12338
VDS=200V
ID=6A
10
µs
100
µs
100ms
10ms
1ms
DC
operation
10
3
5
7
IDc(*1)=6A
IDpack(*2)=5.6A
Operation in
this area is
limited by RDS(on).
IDP=24A
PW
≤10
µs
*1. Shows chip capability
*2. SANYO’s ideal heat dissipation condition
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com