Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 4 Page - Analog Devices

  AD9627 Datasheet HTML 1Page - Analog Devices AD9627 Datasheet HTML 2Page - Analog Devices AD9627 Datasheet HTML 3Page - Analog Devices AD9627 Datasheet HTML 4Page - Analog Devices AD9627 Datasheet HTML 5Page - Analog Devices AD9627 Datasheet HTML 6Page - Analog Devices AD9627 Datasheet HTML 7Page - Analog Devices AD9627 Datasheet HTML 8Page - Analog Devices AD9627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 4 of 40
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, Fast Detect Outputs disabled, Signal Monitor disabled, unless otherwise noted.
Table 1.
AD9627BCPZ-80
AD9627BCPZ-105
AD9627BCPZ-125
AD9627BCPZ-150
Unit
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
12
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±TBD
±0.3
±TBD
±0.3
±TBD
±0.3
±TBD
% FSR
Gain Error
Full
±2.0
±2.0
±1.7
±1.7
% FSR
Differential
Nonlinearity (DNL)1
Full
±TBD
±TBD
±TBD
±TBD
LSB
25°C
±0.4
±0.4
±0.4
±0.4
LSB
Integral Nonlinearity
(INL)1
Full
±TBD
±TBD
±TBD
±TBD
LSB
25°C
±2
±1.8
±2
±2
LSB
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
±15
±15
ppm/°C
Gain Error
Full
±95
±95
±95
±95
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage Error
(1 V Mode)
Full
TBD
TBD
TBD
TBD
mV
Load Regulation @ 1.0
mA
Full
TBD
TBD
TBD
TBD
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
TBD
TBD
TBD
TBD
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0
V
Full
2
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
8
pF
VREF INPUT RESISTANCE
Full
6
6
6
6
kΩ
POWER SUPPLIES
Supply Voltage
AVDD, DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD (CMOS
Mode)
Full
1.7
3.3
3.6
1.7
3.3
3.6
1.7
3.3
3.6
1.7
3.3
3.6
V
Supply Current
IAVDD1
Full
219
292
363
384
mA
IDVDD1
Full
29
37
45
47.5
mA
IDRVDD1 (3.3V)
Full
27
34
42
47.6
mA
IDRVDD1 (1.8V)
Full
TBD
TBD
TBD
TBD
mA
PSRR
Full
±0.01
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input
Full
TBD
TBD
TBD
TBD
mW
Sine Wave Input1
(DRVDD=1.8V)
Full
TBD
TBD
TBD
TBD
mW
Sine Wave Input1
(DRVDD=3.3V)
Full
536
705
873
934
mW
Standby Power3
Full
TBD
TBD
TBD
TBD
mW
Powerdown Power
Full
TBD
TBD
TBD
TBD
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure x for the equivalent analog input structure.
3 Standby power is measured with a dc input, the CLK pins inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com