Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9627 Datasheet HTML 13Page - Analog Devices AD9627 Datasheet HTML 14Page - Analog Devices AD9627 Datasheet HTML 15Page - Analog Devices AD9627 Datasheet HTML 16Page - Analog Devices AD9627 Datasheet HTML 17Page - Analog Devices AD9627 Datasheet HTML 18Page - Analog Devices AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 17 of 40
voltage of the AD8352 is easily set with the CML pin of the
AD9627 (see Figure 4), and the driver can be configured in a
Sallen-Key filter topology to provide band limiting of the input
signal.
Figure 4. Differential Input Configuration Using the AD8138
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 5. The CML
voltage can be connected to the center tap of the transformer’s
secondary winding to bias the analog input.
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies
below a few MHz, and excessive signal power can also cause
core saturation, which leads to distortion.
Figure 5. Differential Transformer-Coupled Configuration
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9627. For applications
where SNR is a key parameter, differential double balun
coupling is the recommended input configuration. An example
is shown in Figure 6.
Figure 6. Differential Double Balun Input Configuration
Figure 7. Differential Input Configuration Using the AD8352
An alternative to using a transformer coupled input at
frequencies in the second Nyquist zone is to use the AD8352
differential driver. An example is shown in Figure 7. See the
AD8352 datsheet for more information.
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and source impedance and
may need to be reduced or removed. Table 1 displays
recommended values to set the RC network. However, these
values will be dependant on the input signal and should only be
used as a starting guide.
Table 1 Example RC Network
Frequency Range
MHz
R series
(Ω, each)
C differential
(pF)
0-70
33
15
70-200
33
5
200-300
15
5
>
15
Open
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input
common-mode swing. If the source impedances on each input
are matched, there should be little effect on SNR performance.
AD9627
VIN+
VIN–
R
R
C
49.9 Ω
CML
0.1μF
2V p-p
AD9627
VIN+
VIN –
CML
AVDD
1V p-p
49.9 Ω
523 Ω
0.1μF
R
R
C
499Ω
499Ω
499 Ω
AD8138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com