Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9627 Datasheet HTML 16Page - Analog Devices AD9627 Datasheet HTML 17Page - Analog Devices AD9627 Datasheet HTML 18Page - Analog Devices AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 20 of 40
Figure 14. Transformer Coupled Differential Clock(up to 150MSPS)
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins as shown in Figure 15. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515 family of clock drivers offers
excellent jitter performance.
Figure 15. Differential PECL Sample Clock (up to 150MSPS)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins as shown in Figure 16. The
AD9510/AD9511/AD9512/ AD9513/AD9514/AD9515 family of
clock drivers offers excellent jitter performance.
Figure 16 Differential LVDS Sample Clock (up to 150MSPS)
In some applications it may acceptable to drive the sample clock
inputs with a single ended CMOS signal. In such applications,
CLK+ should be directly driven from a CMOS gate, while the
CLK- pin should be bypassed to ground with a 0.1uF capacitor
in parallel with a 39 kΩ resistor (see Figure 17). CLK+ may be
directly driven from a CMOS gate. Although the CLK+ input
circuit supply is AVDD (1.8 V), this input is designed to
withstand input voltages up to 3.6V, making the selection of the
drive logic voltage very flexible.
Figure 17. Single-ended 1.8V CMOS Sample Clock (up to 150MSPS)
Figure 18 Single-ended 3.3V CMOS Sample Clock (up to 150MSPS)
Input Clock Divider
The AD9627 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. If a
divide ratio other than 1 is selected the duty cycle stabilizer will
be automatically enabled.
The AD9627 clock divider can be synchronized using the
external SYNC input. Register 0x100 bits bits 1 and 2 allow the
clock divider to be re-synchronized on every SYNC signal or
only on the first SYNC signal after the register is written. A
valid SYNC causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have their
clock dividers aligned to guarantee simultaneous input
sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals, and as a result may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance
characteristics. The AD9627 contains a duty cycle stabilizer
(DCS) that retimes the nonsampling, or falling, edge, providing
an internal clock signal with a nominal 50% duty cycle. This
allows the user to provide a wide range of clock input duty
cycles without affecting the performance of the AD9627. Noise
and distortion performance are nearly flat for a wide range of
duty cycles with the DCS on, as shown in Figure x.
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately TBD clock cycles to
allow the DLL to acquire and lock to the new rate.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fINPUT) due to jitter (tJ) can be calculated by:
[
]
J
INPUT
t
f
×
−
=
π
2
log
20
SNR
In the equation, the rms aperture jitter represents the root-
mean square of all jitter sources, which include the clock input,
analog input signal, and ADC aperture jitter specification. IF
undersampling applications are particularly sensitive to jitter, as
CLOCK
INPUT
100kΩ
0.1µF
0.1µF
0.1µF
0.1µF
~CLK
CLK
240kΩ
240kΩ
50kΩ
50kΩ
~ CLOCK
INPUT
AD9510/1/2/3/4/5
PECL DRIVER
ADC
AD9627
CLOCK
INPUT
100kΩ
0.1µF
0.1µF
0.1µF
0.1µF
~CLK
CLK
50kΩ
50kΩ
~ CLOCK
INPUT
AD9510/1/2/3/4/5
LVDS DRIVER
ADC
AD9627
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
~CLK
CLK
39kΩ
AD9510/1/2/3/4/5
CMOS DRIVER
ADC
AD9627
VCC
50kΩ
OPTIONAL
100Ω
1kΩ
1kΩ
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
~CLK
CLK
AD9510/1/2/3/4/5
CMOS DRIVER
ADC
AD9627
50kΩ
OPTIONAL
100Ω
1kΩ
1kΩ
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com