Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5571 Datasheet HTML 1Page - Texas Instruments DAC5571 Datasheet HTML 2Page - Texas Instruments DAC5571 Datasheet HTML 3Page - Texas Instruments DAC5571 Datasheet HTML 4Page - Texas Instruments DAC5571 Datasheet HTML 5Page - Texas Instruments DAC5571 Datasheet HTML 6Page - Texas Instruments DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
TIMING CHARACTERISTICS
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
Standard mode
100
kHz
Fast mode
400
kHz
High-speed mode, CB - 100 pF max
3.4
MHz
High-Speed mode, CB - 400 pF max
1.7
MHz
tBUF
Bus Free Time Between a STOP
Standard mode
4.7
µs
and START Condition
Fast mode
1.3
µs
tHD; tSTA
Hold Time (Repeated) START
Standard mode
4.0
µs
Condition
Fast mode
600
ns
High-speed mode
160
ns
tLOW
LOW Period of the SCL Clock
Standard mode
4.7
µs
Fast mode
1.3
µs
High-speed mode, CB - 100 pF max
160
ns
High-speed mode, CB - 400 pF max
320
ns
tHIGH
HIGH Period of the SCL Clock
Standard mode
4.0
µs
Fast mode
600
ns
High-speed mode, CB - 100 pF max
60
ns
High-speed mode, CB - 400 pF max
120
ns
tSU; tSTA
Setup Time for a Repeated
Standard mode
4.7
µs
START Condition
Fast mode
600
ns
High-speed mode
160
ns
tSU; tDAT
Data Setup Time
Standard mode
250
ns
Fast mode
100
ns
High-speed mode
10
ns
tHD; tDAT
Data Hold Time
Standard mode
0
3.45
µs
Fast mode
0
0.9
µs
High-speed mode, CB - 100 pF max
0
70
ns
High-speed mode, CB - 400 pF max
0
150
ns
tRCL
Rise Time of SCL Signal
Standard mode
1000
ns
Fast mode
20 + 0.1CB
300
ns
High-speed mode, CB - 100 pF max
10
40
ns
High-speed mode, CB - 400 pF max
20
80
ns
tRCL1
Rise Time of SCL Signal After a
Standard mode
1000
ns
Repeated START Condition and
Fast mode
20 + 0.1CB
300
ns
After an Acknowledge BIT
High-speed mode, CB - 100 pF max
10
80
ns
High-speed mode, CB - 400 pF max
20
160
ns
tFCL
Fall Time of SCL Signal
Standard mode
300
ns
Fast mode
20 + 0.1CB
300
ns
High-speed mode, CB - 100 pF max
10
40
ns
High-speed mode, CB - 400 pF max
20
80
ns
tRDA
Rise Time of SDA Signal
Standard mode
1000
ns
Fast mode
20 + 0.1CB
300
ns
High-speed mode, CB - 100 pF max
10
80
ns
High-speed mode, CB - 400 pF max
20
160
ns
tFDA
Fall Time of SDA Signal
Standard mode
300
ns
Fast mode
20 + 0.1CB
300
ns
High-speed mode, CB - 100 pF max
10
80
ns
High-speed mode, CB - 400 pF max
20
160
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com