Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5571 Datasheet HTML 1Page - Texas Instruments DAC5571 Datasheet HTML 2Page - Texas Instruments DAC5571 Datasheet HTML 3Page - Texas Instruments DAC5571 Datasheet HTML 4Page - Texas Instruments DAC5571 Datasheet HTML 5Page - Texas Instruments DAC5571 Datasheet HTML 6Page - Texas Instruments DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
SCL
A0
GND
Output
Buffer
Power-Down
Control Logic
Resistor
Network
Ref (+) Ref(−)
8-Bit
DAC
I2C
Control
Logic
DAC
Register
Power-On
Reset
VOUT
SDA
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
+2.7 V to +5.5 V, I2C INTERFACE, VOLTAGE OUTPUT,
8-BIT DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 125 µA @ 3 V
The DAC5571 is a low-power, single-channel, 8-bit
•
Fast Update Rate: 188 KSPS
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
•
Power-On Reset to Zero
achieved. The DAC5571 utilizes an I2C-compatible,
•
+2.7-V to +5.5-V Power Supply
two-wire serial interface that operates at clock rates
•
Specified Monotonic by Design
up to 3.4 Mbps with address support of up to two
•
I2C™ Interface up to 3.4 Mbps
DAC5571s on the same data bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
The output voltage range of the DAC is 0 V to VDD.
Operation
The DAC5571 incorporates a power-on-reset circuit
•
Double-Buffered Input Register
that ensures that the DAC output powers up at zero
•
Address Support for up to Two DAC5571s
volts and remains there until a valid write to the
device
takes
place.
The
DAC5571
contains
a
•
Small 6 Lead SOT 23 Package
power-down feature, accessed via the internal control
•
Operation From –40°C to 105°C
register, that reduces the current consumption of the
device to 50 nA at 5 V.
The low-power consumption of this part in normal
•
Process Control
operation makes it ideally suited for portable battery
•
Data Acquistion Systems
operated equipment. The power consumption is less
•
Closed-Loop Servo Control
than 0.7 mW at VDD = 5 V reducing to 1 µW in
•
PC Peripherals
power-down mode.
•
Portable Instrumentation
DAC7571/6571/5571 are 12/10/8-bit, single-channel
I2C DACs from the same family. DAC7574/6574/5574
and
DAC7573/6573/5573
are
12/10/8-bit
quad-channel I2C DACs. Also see DAC8571/8574 for
single/quad-channel, 16-bit I2C DACs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI2-DAC5571 Datasheet
1Mb / 26P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2005
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI1-DAC5571IDBVR Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5571

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com