Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5571 Datasheet HTML 1Page - Texas Instruments DAC5571 Datasheet HTML 2Page - Texas Instruments DAC5571 Datasheet HTML 3Page - Texas Instruments DAC5571 Datasheet HTML 4Page - Texas Instruments DAC5571 Datasheet HTML 5Page - Texas Instruments DAC5571 Datasheet HTML 6Page - Texas Instruments DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to +105°C unless otherwise noted.
DAC5571
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
STATIC PERFORMANCE(1)
Resolution
8
Bits
Relative accuracy
±0.5
LSB
Differential nonlinearity
Assured monotonic by design
±0.25
LSB
Zero code error
5
20
mV
Full-scale error
All ones loaded to DAC register
-0.15
-1.25
% of FSR
Gain error
±1.25
% of FSR
Zero code error drift
± 7
µV/°C
Gain temperature coefficient
± 3
ppm of FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VDD
V
1/4 Scale to 3/4 scale change (400H to C00H) ;
Output voltage settling time
6
8
µs
RL= ∞
Slew rate
1
V/µs
RL = ∞
470
pF
Capacitive load stability
RL = 2 kΩ
1000
pF
Code change glitch impulse
1 LSB Change around major carry
20
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
1
Ω
VDD = +5 V
50
mA
Short-circuit current
VDD = +3 V
20
mA
Coming out of power-down mode, VDD = +5 V
2.5
µs
Power-up time
Coming out of power-down mode, VDD = +3 V
5
µs
LOGIC INPUTS(3)
Input current
±1
µA
VINL, Input low voltage
VDD = +3 V
0.3×VDD
V
VINH, Input high voltage
VDD = +5 V
0.7×VDD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
DAC active and excluding load current
VDD = +3.6 V to +5.5 V
VIH = VDD and VIL = GND
155
200
µA
VDD = +2.7 V to +3.6 V
VIH = VDD and VIL = GND
125
160
µA
IDD (all power-down modes)
VDD = +3.6 V to +5.5 V
VIH = VDD and VIL = GND
0.2
1
µA
VDD = +2.7 V to +3.6 V
VIH = VDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = +5 V
93
%
(1)
Linearity calculated using a reduced code range of 3 to 253; output unloaded.
(2)
Specified by design and characterization, not production tested.
(3)
Specified by design and characterization, not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com