Electronic Components Datasheet Search
  English  ▼

X  

DVIULC6-4SC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DVIULC6-4SC6
Description  Ultra low capacitance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-4SC6 Datasheet(HTML) 3 Page - STMicroelectronics

  DVIULC6-4SC6 Datasheet HTML 1Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 2Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DVIULC6-4SC6
3/12
Figure 2.
Line Capacitance versus line
voltage (typical values)
Figure 3.
Line capacitance versus frequency
(typical values)
Figure 4.
Relative variation of leakage current
versus junction temperature (typical
values)
Figure 5.
Frequency response
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F=825MHz
Vosc=500m VRMS
VBU S O PEN
T
j=25 °C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Data line voltage (v)
CI/O - GND
C(pF)
0
Vosc=30mVRMS
Tj =25 °C
VI-O/GND = 0V
F(MHz)
1
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
C(pF)
CI/O - GND
CI/O -CI/O
V
OPEN
BUS
1
2
3
4
5
25
50
75
100
125
I[T
RM
j] / I
[T
RM
j=25°C]
T (°C)
j
100.0k
1.0M
10.0M
100.0M
1.0G
100.0k
1.0M
10.0M
100.0M
1.0G
100.0k
1.0M
10.0M
100.0M
1.0G
0
-2
-4
-6
-8
F(Hz)
S21(dB)
Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com