Electronic Components Datasheet Search
  English  ▼

X  

DVIULC6-4SC6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DVIULC6-4SC6
Description  Ultra low capacitance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-4SC6 Datasheet(HTML) 5 Page - STMicroelectronics

  DVIULC6-4SC6 Datasheet HTML 1Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 2Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DVIULC6-4SC6
2 Surge protection application example
5/12
2
Surge protection application example
If we consider that the connections from the pin VBUS to VCC and from GND to PCB GND are
done by two tracks of 10mm long and 0.5 mm large; we assume that the parasitic inductances
Lw of these tracks are about 6nH. So when an IEC61000-4-2 surge occurs, due to the rise time
of this spike (tr=1 ns), the voltage VCL has an extra value equal to Lw.dI/dt.
The dI/dt is calculated as: dI/dt = Ip/tr = 24 A/ns
The over voltage due to the parasitic inductances is: Lw.dI/dt = 6 x 24 = 144 V
By taking into account the effect of these parasitic inductances due to unsuitable layout, the
clamping voltage will be:
We can reduce as much as possible these phenomena with simple layout optimization.
It’s the reason why some recommendations have to be followed (see Section 3: How to ensure
a good ESD protection).
Figure 6.
ESD behavior: parasitic phenomena due to unsuitable layout
VCL+ = +39 + 144 = 183 V
VCL- = -34 - 144 = -178 V
Lw
VI/O
ESD
SURGE
GND
I/O
+VCC
VBUS
VF
Lw di
dt
Lw di
dt
V+ =
CL
V
+V +Lw
BUS
F
di
dt
surge >0
di
dt
surge <0
V- =
CL
-V -Lw
F
t
tr=1ns
VV
CC
F
+
Lw
di
dt
VCL+
POSITIVE
SURGE
183V
-Lw
di
dt
t
tr=1ns
-
VF
VCL-
NEGATIVE
SURGE
-178V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com