Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 101 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors LPC55S2X Datasheet HTML 101Page - NXP Semiconductors LPC55S2X Datasheet HTML 102Page - NXP Semiconductors LPC55S2X Datasheet HTML 103Page - NXP Semiconductors LPC55S2X Datasheet HTML 104Page - NXP Semiconductors LPC55S2X Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
13.3.1 Crystal Printed Circuit Board (PCB) design guidelines
• Connect the crystal and external load capacitors on the PCB as close as possible to the oscillator input and
output pins of the chip.
• The length of traces in the oscillation circuit should be as short as possible and must not cross other signal
lines.
• Ensure that the load capacitors have a common ground plane.
• Loops must be made as small as possible to minimize the noise coupled in through the PCB and to keep the
parasitics as small as possible.
• Lay out the ground (GND) pattern under crystal unit.
• Do not lay out other signal lines under crystal unit for multi-layered PCB.
13.4 RTC oscillator
The crystal oscillator has embedded capacitor bank where it can be used as an integrated load capacitor for the
crystal oscillators. The capacitor banks on each crystal pin can tune the frequency for crystals with a Capacitive
Load (CL) between 6 to 10pF (IEC equivalent).
Simple APIs to configure the Capacitor Banks based on the crystal Capacitive Load (CL) and measured PCB
parasitic capacitances on XIN and XOUT pins.
In the crystal oscillator circuit, only the crystal (XTAL) needs to be connected with the option to connect
capacitances CX1 and CX2 on XTAL32K_P and XTAL32K_N pins. Depending upon the computation of the
required Capacitance Load, there is no need to add some capacitance on PCB if computation is less than 20
pF (10 pF equivalent IEC), and if computation is greater than 20 pF (10 pF equivalent IEC), then additional
capacitance is on PCB required. See Figure 23 and refer to the "Cap Bank API" chapter in the user manual.
In bypass mode, an external clock (maximum frequency of up to 100 kHz) can also be connected to
XTAL32K_P if XTAL32K_N is left open. External [0 – VH] square signal can be applied on the XTAL32K_P pin
with 1.1 V +/-10%
A external signal below 1.0 V or above 1.2 V cannot be applied
LPC
XTAL32K_P
XTAL32K_N
CX2
CX1
XTAL
=
CL
CP
RS
L
Figure 29. RTC oscillator components
For best results, it is very critical to select a matching crystal for the on-chip oscillator. Load capacitance (CL),
series resistance (RS), and drive level (DL) are important parameters to consider while choosing the crystal.
13.4.1 RTC Printed Circuit Board (PCB) design guidelines
• Connect the crystal and external load capacitors on the PCB as close as possible to the oscillator input and
output pins of the chip.
• The length of traces in the oscillation circuit should be as short as possible and must not cross other signal
lines.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
101 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com